Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
55
…Continued on next page
R19 (13h) – PGA1L Volume Control Register (PGA1L_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PGA1L_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA1L_VOL[7:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
R20 (14h) – PGA1R Volume Control Register (PGA1R_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PGA1R_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA1R_VOL[7:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
R21 (15h) – PGA2L Volume Control Register (PGA2L_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PGA2L_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA2L_VOL[7:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
R22 (16h) – PGA2R Volume Control Register (PGA2R_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PGA2R_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA2R_VOL[7:0]
Default
0
0
0
0
0
0
0
0
N/A= Not Applicable (nofunction implemented)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com