Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
32
VOLUME RAMP
Analogue volume can be adjusted by step change or by soft ramp. The ramp rate is dependent upon
the sampling rate. The sampling rate upon which the volume ramp rate is based can be selected
between the DAC sampling rate or the ADC sampling rate in either slave mode or master mode. The
ramp rates for common audio sample rates are shown in Table 24:
SAMPLE RATE FOR PGA (kHz)
DIVIDE BY
PGA Ramp Rate (ms/dB)
32
8
0.50
44.1
8
0.36
48
8
0.33
88.2
16
0.36
96
16
0.33
176.4
32
0.36
192
32
0.33
Table 24 Analogue Volume Ramp Rate
For example, when using a sample rate of 48kHz, the time taken for a volume change from and initial
setting of 0dB to -20dB is calculated as follows:
Volume Change (dB) x PGA Ramp Rate (ms/dB) = 20 x 0.33 = 6.6ms
When changing from one PGA ramp clock source to another, it is recommended that
PGA_SAFE_SW is set to 0. This forces the clock switch over to occur at a point where all relevant
clock signals are zero, ensuring glitch-free operation. This process can take up to 32 left/right clock
cycles.
If a faster change in PGA ramp rate clock source is required, PGA_SAFE_SW can be set to 1. This
forces the change in clock source to occur immediately regardless of the state of the relevant clock
signals internally. Glitch-free operation is not guaranteed under these conditions.
If the volume ramp function is not required when increasing or decreasing volume, this block can be
bypassed by setting ATTACK_BYPASS or DECAY_BYPASS to 1. Figure 16 shows the effect of
these register settings:
Figure 16 ATTACK_BYPASS and DECAY_BYPASS functionality
Note: When ATTACK_BYPASS=1 or DECAY_BYPASS=1, it is recommended that the zero cross
function for the PGA is used to eliminate click noise when changing volume settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com