Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
16
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
After receiving a complete address and data sequence the WM8599 returns to the idle state and
waits for another start condition. If a start or stop condition is detected out of sequence at any point
during data transfer (i.e. SDIN changes while SCLK is high), the WM8599 reverts to the idle
condition.
The WM8599 device address is 34h (0110100).
Figure 5 2-wire Write Protocol
AUTO-INCREMENT REGISTER WRITE
It is possible to write to multiple consecutive registers using the auto-increment feature. When
AUTO_INC is set, the register write protocol follows the method shown in Figure 6. As with normal
register writes, the controller indicates the start of data transfer with a high to low transition on SDIN
while SCLK remains high, and all devices on the bus receive the device address.
When the WM8599 has acknowledged a correct address, the controller sends the first byte of control
data (A6 to A0, i.e. the WM8599 initial register address). The WM8599 then acknowledges the first
control data byte by pulling SDIN low for one SCLK pulse. The controller then sends a byte of
register data. The WM8599 acknowledges the first byte of register data, auto-increments the register
address to be written to, and waits for the next byte of register data. Subsequent bytes of register
data can be written to consecutive registers of the WM8599 without setting up the device and register
address.
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
Figure 6 2-Wire Auto-Increment Register Write
REGISTER READBACK
The WM8599 allows readback of all registers with data output on the bidirectional SDIN pin. The
protocol is similar to that used to write to the device. The controller will issue the device address
followed by a write bit, and the register index will then be passed to the WM8599.
At this point the controller will issue a repeated start condition and resend the device address along
with a read bit. The WM8599 will acknowledge this and the WM8599 will become a slave transmitter.
The WM8599 will place the data from the indexed register onto SDIN MSB first. When the controller
receives the first byte of data, it acknowledges it. When the controller receives the second and final
byte of data it will not acknowledge receipt of the data indicating that it will resume master transmitter
control of SDIN. The controller will then issue a stop command completing the read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com