Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8599SEFT/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
9
Test Conditions
AVDD2=9V, AVDD1=DVDD=3.3V, AGND1=AGND2=0V, DGND=0V, TA=+25˚C, 1kHz signal, fs=48kHz, MCLK=256fs unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC minimum digital volume
-100
dB
DAC maximum digital volume
+12
dB
DAC volume step size
0.5
dB
Analogue Volume Control
Minimum gain
-79.5
dB
Maximum gain
0
dB
Step size
0.5
dB
Mute attenuation
TBD
dB
Crosstalk
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
DAC to ADC
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
ADC to DAC
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
TERMINOLOGY
1.
Signal-to-noise ratio (dBFS) – SNR is the difference in level between a reference full scale output signal and the
device output with no signal applied. This ratio is also called idle channel noise. (No Auto-zero or Automute function is
employed in achieving these results).
2.
Dynamic range (dBFS) – DNR is a measure of the difference in level between the highest and lowest components of a
signal. Normally a THD measurement at -60dBFS. The measured signal is then corrected by adding 60dB to the
result, e.g. THD @ -60dBFS = -30dB, DNR = 90dB.
3.
Total Harmonic Distortion (dBFS) – THD is the difference in level between a reference full scale output signal and the
first seven odd harmonics of the output signal. To calculate the ratio, the fundamental frequency of the output signal is
notched out and an RMS value of the next seven odd harmonics is calculated.
4.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.
5.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to
use such a filter will result in higher THD and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic
specification values.
Notes:
1.
All minimum and maximum values are subject to change.
2.
This resistance is selectable using VMID_SEL[1:0] – see Figure 45 for full details.
3.
See p71 for details of extended input impedance configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com