Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 61Page - ATMEL Corporation AT43USB326 Datasheet HTML 62Page - ATMEL Corporation AT43USB326 Datasheet HTML 63Page - ATMEL Corporation AT43USB326 Datasheet HTML 64Page - ATMEL Corporation AT43USB326 Datasheet HTML 65Page - ATMEL Corporation AT43USB326 Datasheet HTML 66Page - ATMEL Corporation AT43USB326 Datasheet HTML 67Page - ATMEL Corporation AT43USB326 Datasheet HTML 68Page - ATMEL Corporation AT43USB326 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
65
AT43USB326
3313D–USB–04/06
Hub Port Control Register – HPCON
•Bit 7 – Reserved
This bits is reserved in the AT43USB326 and will read as zero.
• Bit 6..4 – HPCON2..0: Hub Port Control Command
These bits are written by firmware to control the port states upon receipt of a Host request.
Disable Port = ClearPortFeature(PORT_ENABLE)
Action: USB hardware places addressed port in disabled state. Port 1 is placed in disabled
state by firmware.
Enable Port = SetPort Feature(PORT_ENABLE)
Action: USB hardware places addressed port in enabled state. Firmware is responsible for
placing Port 1 in enabled state.
Reset and Enable Port = SetPort Feature(PORT_RESET)
Action: USB hardware drives reset signaling through addressed port. USB hardware and
firmware resets their embedded function registers to the default state.
Suspend Port = SetPortFeature(PORT_SUSPEND)
Action: USB hardware places port in idle state and stops propagating traffic through the
addressed port. Firmware places Port 1 in suspend state by disabling its endpoints and plac-
ing the peripheral function in its low power state.
Resume Port = ClearPortFeature(PORT_SUSPEND)
Action: USB hardware sends resume signaling to addressed port and then enables port.
Firmware takes the embedded function out of the suspend state and enables Port 1's
endpoints.
•Bit 3 – Reserved
This bits is reserved in the AT43USB326 and will read as zero.
• Bit 2..0 – HPCON2..0: Hub Port Address
Bit
7
654
3
2
1
0
$1FC5
–
HPCON2
HPCON1
HPCON0
–
HPADD2
HPADD1
HPADD0
HPCON
Read/Write
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit6
Bit5
Bit4
Action
00
0
Disable port
0
0
1
Enable port
0
1
0
Reset and enable port
0
1
1
Suspend port
1
0
0
Resume port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com