Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 68Page - ATMEL Corporation AT43USB326 Datasheet HTML 69Page - ATMEL Corporation AT43USB326 Datasheet HTML 70Page - ATMEL Corporation AT43USB326 Datasheet HTML 71Page - ATMEL Corporation AT43USB326 Datasheet HTML 72Page - ATMEL Corporation AT43USB326 Datasheet HTML 73Page - ATMEL Corporation AT43USB326 Datasheet HTML 74Page - ATMEL Corporation AT43USB326 Datasheet HTML 75Page - ATMEL Corporation AT43USB326 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
72
AT43USB326
3313D–USB–04/06
Figure 12 shows a simplified diagram of a power management circuit of an AT43USB326
based hub design with global overcurrent protection and ganged power switching for the two
external downstream ports.
The over-current protection and port power switching for the AT43USB326 is best imple-
mented in the so-called multiple gang. The Hub Characteristic’s bits in the Hub Descriptor are
set as follows:
•
Logical Power Switching is Individual, D1D0 = 01
•
Overcurrent Protection is Individual, D4D3 = 01
When an over-current condition at one of the external ports is detected, the over-current bits of
both external ports are set. The host will switch off power to the external port, but the keyboard
will continue to operate. The external port power is switched on as soon as one port's power is
enabled, but switched off only when the power to both ports is disabled.
Figure 12. Port Power Management
Suspend and
Resume
The AT43USB326 enters suspend only when requested by the USB host through bus inactiv-
ity for at least 3 ms. The USB hardware would detect this request, sets the GLB_SUSP bit of
SPRSR, Suspend/Resume Register, and interrupts the microcontroller if the interrupt is
enabled. The microcontroller should shut down any peripheral activity and enter the Power
Down mode by setting the SE and SM bits of MCUCR and then executes the SLEEP instruc-
tion. The USB hardware shuts off the oscillator and PLL.
CTL
FLG
IN
OUT
SWITCH
AT43USB326
GND
VCC
PWRN
OVCN
PORT2_POWER
PORT2_GND
PORT3_POWER
PORT3_GND
BUS_POWER
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com