Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 82Page - ATMEL Corporation AT43USB326 Datasheet HTML 83Page - ATMEL Corporation AT43USB326 Datasheet HTML 84Page - ATMEL Corporation AT43USB326 Datasheet HTML 85Page - ATMEL Corporation AT43USB326 Datasheet HTML 86Page - ATMEL Corporation AT43USB326 Datasheet HTML 87Page - ATMEL Corporation AT43USB326 Datasheet HTML 88Page - ATMEL Corporation AT43USB326 Datasheet HTML 89Page - ATMEL Corporation AT43USB326 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
86
AT43USB326
3313D–USB–04/06
The mask bits in location 03 are used to indicate whether a particular function is supported or
not.
0 = Function not supported
1 = Function supported
Bit 7 = Keyboard matrix
Bit 6 = Reserved. Must be set to 0
Bit 5 = Extra Hot Key USB codes
Bit 4 = Serial Number String
Bit 3 = Product String
Bit 2 = Manufacturer String
Bit 1 = Language ID String
Bit 0 = VendorID, ProductID, Version
Table 27. Vendor ID, Product ID, Version Number
Address
Data
Description
04
5E
Vendor ID
05
04
Vendor ID
06
1D
Product ID
07
00
Product ID
08
11
Version number
09
01
Version number
0A
91
Checksum
Table 28. Language ID
Address
Data
Description
0B
04
Number of bytes
0C
03
The next 3 bytes specifies the Language ID
0D
09
–
0E
10
–
0F
20
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com