Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 80Page - ATMEL Corporation AT43USB326 Datasheet HTML 81Page - ATMEL Corporation AT43USB326 Datasheet HTML 82Page - ATMEL Corporation AT43USB326 Datasheet HTML 83Page - ATMEL Corporation AT43USB326 Datasheet HTML 84Page - ATMEL Corporation AT43USB326 Datasheet HTML 85Page - ATMEL Corporation AT43USB326 Datasheet HTML 86Page - ATMEL Corporation AT43USB326 Datasheet HTML 87Page - ATMEL Corporation AT43USB326 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
84
AT43USB326
3313D–USB–04/06
Typical
Application
The Atmel sample version of the AT43USB326 contains firmware that supports customization
of the Vendor ID, Product ID, String Descriptor and the keyboard matrix. This information is
stored in an external AT24C02A serial EEPROM. Data in the EEPROM is stored in the follow-
ing format:
Detailed
Description
Mask Bits
The mask bits identify what features are stored in the EEPROM. A “1” in the mask bit location
means that the feature is stored and should be read. A “0” means that the feature is not stored
and should not be read.
Address Range
Content
0x00 - 0x01
EEPROM's signature
0x02 - 0x03
Mask Bits
0x04 onwards
VID, PID and strings
Initial Check Byte
0x70 - 0xFF
Keyboard matrix
Address Location
Value/Content
0x00
0x17
0x01
0x5A
Mask 1
Address Location
Remark
0x02
0x03
Mask 2 - Reserved for Future Use
Bit 7: Keyboard Matrix
Bit 6: Reserved
Bit 5: Extra Hot Key Codes
Bit 4: Serial Number String
Bit 3: Product String
Bit 2: Manufacturer String
Bit 0: VID, PID, Version
Bit 1: Language String



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com