Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 91Page - ATMEL Corporation AT43USB326 Datasheet HTML 92Page - ATMEL Corporation AT43USB326 Datasheet HTML 93Page - ATMEL Corporation AT43USB326 Datasheet HTML 94Page - ATMEL Corporation AT43USB326 Datasheet HTML 95Page - ATMEL Corporation AT43USB326 Datasheet HTML 96Page - ATMEL Corporation AT43USB326 Datasheet HTML 97Page - ATMEL Corporation AT43USB326 Datasheet HTML 98Page - ATMEL Corporation AT43USB326 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
95
AT43USB326
3313D–USB–04/06
Table 35. AT43USB326 Keyboard/Hub Bill of Materials – May 2, 2002
Item
Qty
Reference
Part
Supplier
1
1
C1
0.22 UF, cer, Kemet® C1812C224K5RAC
Newark® 99F6389
2
1
C2
0.01 UF, cer, Kemet C0805C103K5RAC
Newark 93F2330
3
3
C4,C9,C10
0.1 UF, cer, Kemet C1206C104M5UAC
Newark 89F5966
4
1
C5
4.7UF, el, Panasonic® ECE-V1ES4R7SR
Digikey® PCE3065CT-ND
5
1
C3
2.2 UF, cer, Panasonic ECJ-2YF1C225Z
Digikey PCC1851TR-ND
6
1
C6
0.33 UF, cer, Kemet C1210C334M5UAC
Newark
7
2
C8, C7
100 UFD, el, Panasonic ECE-V1AA101SP
Digikey PCE3176CT-ND
8
6
C11, C12, C13, C14, C15, C16
47 pF, cer, Kemet C1206C470J5GACTR
Newark 93F2371
9
1
J1
USB-B, series B connector
AMP 787780-1
10
2
J2, J3
USB-A, series A connector
AMP 787616-1
11
3
D1, D2, D3
LED, green
Jameco® 34606, XC2
12
6
L1, L2, L3, L4, L5, L6
Ferrite bead, Stewart HI 1806 N 750 R
Digikey 240-1-11-1-ND
13
1
R1, R17
100, Panasonic ERJ-GEYJ100
Digikey P-100-ACT-ND
14
6
R2, R3, R4, R5, R6, R7
27, Panasonic ERJ-GEYJ27
Digikey P-27-ACT-N
15
1
R8
1.5K, Panasonic ERJ-GEYJ1.5K
Digikey P-1.5K-ACT-ND
16
8
R9, R10, R11, R12, R13, R14,
R15, R16
15K, Panasonic ERJ-GEYJ15K
Digikey P-15K-ACT-ND
17
1
R18
100K, Panasonic ERJ-GEYJ100K
Digikey P-100K-ACT-ND
18
1
U1
AT43USB326-AC
Atmel
19
1
U3
MIC2549A-2BM
Micrel
20
1
Y1
6.000 MHz crystal, CTS ATS060SM-T
Digikey CTX505CT-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com