Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 23Page - ATMEL Corporation AT43USB326 Datasheet HTML 24Page - ATMEL Corporation AT43USB326 Datasheet HTML 25Page - ATMEL Corporation AT43USB326 Datasheet HTML 26Page - ATMEL Corporation AT43USB326 Datasheet HTML 27Page - ATMEL Corporation AT43USB326 Datasheet HTML 28Page - ATMEL Corporation AT43USB326 Datasheet HTML 29Page - ATMEL Corporation AT43USB326 Datasheet HTML 30Page - ATMEL Corporation AT43USB326 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
27
AT43USB326
3313D–USB–04/06
MCU Control Register – MCUCR
• Bit 7, 6 – Res: Reserved Bits
• Bit 5 – SE: Sleep Enable
The SE bit must be set (1) to make the MCU enter the sleep mode when the SLEEP instruc-
tion is executed. To avoid the MCU entering the sleep mode, unless it is the programmer's
purpose, it is recommended to set the Sleep Enable SE bit just before the execution of the
SLEEP instruction.
• Bit 4 – SM: Sleep Mode
This bit selects between the two available sleep modes. When SM is cleared (zero), Idle Mode
is selected as Sleep Mode. When SM is set (1), Power Down mode is selected as sleep mode.
The AT43USB326 does not support the Idle Mode and SM should always be set to one when
entering the Sleep Mode.
• Bit 3:0 – Res: Reserved Bits
Bit
7
6
5
4
3
2
1
0
$35 ($55)
–
–
SE
SM
–
–
–
–
MCUCR
Read/Write
R
R
R/W
R/W
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com