Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 20Page - ATMEL Corporation AT43USB326 Datasheet HTML 21Page - ATMEL Corporation AT43USB326 Datasheet HTML 22Page - ATMEL Corporation AT43USB326 Datasheet HTML 23Page - ATMEL Corporation AT43USB326 Datasheet HTML 24Page - ATMEL Corporation AT43USB326 Datasheet HTML 25Page - ATMEL Corporation AT43USB326 Datasheet HTML 26Page - ATMEL Corporation AT43USB326 Datasheet HTML 27Page - ATMEL Corporation AT43USB326 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
24
AT43USB326
3313D–USB–04/06
General Interrupt Mask Register – GIMSK
• Bit 7 – Res: Reserved Bit
• Bit 6 – INT0: Interrupt Request 0 (Suspend/Resume Interrupt) Enable
When the INT0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), the
external pin interrupt is enabled. The Interrupt Sense Control0 bits 1/0 (ISC01 and ISC00) in
the MCU general Control Register (MCUCR) defines whether the external interrupt is acti-
vated on rising or falling edge of the INT0 pin or level sensed. Activity on the pin will cause an
interrupt request even if INT0 is configured as an output. The corresponding interrupt of Inter-
rupt Request 0 is executed from program memory address $002. See also “External
Interrupts” on page 26.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT43USB326 and always read as zero.
General Interrupt Flag Register – GIFR
• Bit 7 – Res: Reserved Bit
• Bit 6 – INTF0: Interrupt Flag0 (Suspend/Resume Interrupt Flag)
When an event on the INT0 (that is, a USB event-related interrupt) triggers an interrupt
request, INTF0 becomes set (one). If the I-bit in SREG and the INT0 bit in GIMSK are set
(one), the MCU will jump to the interrupt vector at address $002. The flag is cleared when the
interrupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to it.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT43USB326 and always read as zero.
Bit
7
6
5
4
3
210
$3B ($5B)
–
INT0
–
–
–
–––
GIMSK
Read/Write
R
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
$3A ($5A)
–
INT F0
–
–
–
–
–
–
GIFR
Read/Write
R
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com