Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 84Page - ATMEL Corporation AT43USB326 Datasheet HTML 85Page - ATMEL Corporation AT43USB326 Datasheet HTML 86Page - ATMEL Corporation AT43USB326 Datasheet HTML 87Page - ATMEL Corporation AT43USB326 Datasheet HTML 88Page - ATMEL Corporation AT43USB326 Datasheet HTML 89Page - ATMEL Corporation AT43USB326 Datasheet HTML 90Page - ATMEL Corporation AT43USB326 Datasheet HTML 91Page - ATMEL Corporation AT43USB326 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
88
AT43USB326
3313D–USB–04/06
2D
42
B
2E
00
–
2F
5F
Checksum
Table 31. Serial Number String
Address
Data
Description
30
08
Number of bytes
31
03
–
32
31
1
33
00
–
34
32
2
35
00
–
36
33
3
37
00
–
38
A1
Checksum
Table 32. Extra Hot Keys
Address
Data
Description
39
07
Number of bytes
3A
D0
KB matrix code
3B
23
First byte sent to host
3C
02
Second byte sent to host
3D
D1
KB matrix code
3E
8A
First byte sent to host
3F
01
Second byte sent to host
40
58
Checksum
Table 30. Product String (Continued)
Address
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com