Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 36Page - ATMEL Corporation AT43USB326 Datasheet HTML 37Page - ATMEL Corporation AT43USB326 Datasheet HTML 38Page - ATMEL Corporation AT43USB326 Datasheet HTML 39Page - ATMEL Corporation AT43USB326 Datasheet HTML 40Page - ATMEL Corporation AT43USB326 Datasheet HTML 41Page - ATMEL Corporation AT43USB326 Datasheet HTML 42Page - ATMEL Corporation AT43USB326 Datasheet HTML 43Page - ATMEL Corporation AT43USB326 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
40
AT43USB326
3313D–USB–04/06
1.
In the same operation, write a logical one to WDTOE and WDE. A logical one must be
written to WDE even though it is set to one before the disable operation starts.
2.
Within the next four clock cycles, write a logical 0 to WDE. This disables the watchdog.
• Bits 2..0 – WDP2, WDP1, WDP0: Watch Dog Timer Prescaler 2, 1 and 0
The WDP2, WDP1 and WDP0 bits determine the Watchdog Timer prescaling when the
Watchdog Timer is enabled. The different prescaling values and their corresponding Time-out
Periods are shown in Table 11.
Note:
The WDR (Watchdog Reset) instruction should always be executed before the Watchdog Timer
is enabled. This ensures that the reset period will be in accordance with the Watchdog Timer
prescale settings. If the Watchdog Timer is enabled without reset, the watchdog timer may not
start to count from zero. To avoid unintentional MCU reset, the Watchdog Timer should be dis-
abled or reset before changing the Watchdog Timer Prescale Select.
I/O Ports
All AVR ports have true Read-Modify-Write functionality when used as general digital I/O
ports. This means that the direction of one port pin can be changed without unintentionally
changing the direction of any other pin with the SBI and CBI instructions. The same applies for
changing drive value if configured as output or enabling/disabling of pull-up resistors if config-
ured as input.
The keyboard matrix strobe output pins, PA[0:7], PB[0:7] and PE[0:1] have controlled slope
drivers. With a load of 100 pF, the output fall time ranges between 75 ns and 300 ns. The key-
board matrix strobe input pins, PC[0:7] have built-in pull-up resistors, 20 K
Ω nominal value, to
the internal 3.3V power supply.
PE[4:7] have 5V tolerant outputs and each has a built-in series resistor of 330
Ω nominal value.
These output pins are designed for driving an LED connected to the 5V supply.
The dedicated functions are summarized in Table 12.
Table 11. Watchdog Timer Prescale Select
WDP2
WDP1
WDP0
Number of WDT Oscillator cycles
Time-out
0
0
0
8K cycles
8.2 ms
0
0
1
16K cycles
16.4 ms
0
1
0
32K cycles
33.8 ms
0
1
1
64K cycles
65.6 ms
1
0
0
128K cycles
0.131 s
1
0
1
256K cycles
0.262 s
1
1
0
512K cycles
0.524 s
1
1
1
1,024K cycles
1.048 s
Table 12. GPIO Function Assignments
Function
GPIO
Scan out[0:7]
PA[0:7]
Scan out[8:15]
PB[0:7]
Scan out[16,17]
PE[0,1]
Scan in[0:7]
PC[0:7]
LED drivers
PE[4:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com