Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 73Page - ATMEL Corporation AT43USB326 Datasheet HTML 74Page - ATMEL Corporation AT43USB326 Datasheet HTML 75Page - ATMEL Corporation AT43USB326 Datasheet HTML 76Page - ATMEL Corporation AT43USB326 Datasheet HTML 77Page - ATMEL Corporation AT43USB326 Datasheet HTML 78Page - ATMEL Corporation AT43USB326 Datasheet HTML 79Page - ATMEL Corporation AT43USB326 Datasheet HTML 80Page - ATMEL Corporation AT43USB326 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
77
AT43USB326
3313D–USB–04/06
Note:
VCEXT is the voltage at CEXT1, CEXT2.
Table 15. USB Signals: DPx, DMx
Symbol
Parameter
Condition
Min
Max
Unit
VIH
Input Level High (driven)
2.0
V
V
IHZ
Input Level High (floating)
2.7
V
VIL
Input Level Low
0.8
V
VDI
Differential Input Sensitivity
DPx and DMx
0.2
V
VCM
Differential Common Mode
Range
0.8
2.5
V
VOL1
Static Output Low
RL of 1.5 k
Ω
to 3.6V
0.3
V
V
OH1
Static Output High
RL of 15 k
Ω to
GND
2.8
3.6
V
V
CRS
Output Signal Crossover
1.3
2.0
V
VIN
Input Capacitance
20
pF
Table 16. PA, PB, PC, PD, PF
Symbol
Parameter
Condition
Min
Max
Unit
VOL2
Output Low Level, PA, PB,
PE[0:3]
IOL = 4 mA
0.5
V
RPU
PC Pull-up resistor current
V = 0
90
280
µA
V
IL3
Input Low Level, PC
0.3 VCEXT
V
VIH3
Input High Level, PC
0.7 VCEXT
V
V
IL4
Input Low Level, PD[0,1]
0.3 VCEXT
V
V
IH4
Input High Level, PD[0,1]
0.7 VCEXT
V
VOL4
Output Low Level, PD[0,1]
IOL = 4 mA
0.3 VCEXT
V
V
OH4
Output High Level, PD[0,1]
IOH = 4 mA
0.7 VCEXT
V
C
Input/Output capacitance
1 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com