Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 63Page - ATMEL Corporation AT43USB326 Datasheet HTML 64Page - ATMEL Corporation AT43USB326 Datasheet HTML 65Page - ATMEL Corporation AT43USB326 Datasheet HTML 66Page - ATMEL Corporation AT43USB326 Datasheet HTML 67Page - ATMEL Corporation AT43USB326 Datasheet HTML 68Page - ATMEL Corporation AT43USB326 Datasheet HTML 69Page - ATMEL Corporation AT43USB326 Datasheet HTML 70Page - ATMEL Corporation AT43USB326 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
67
AT43USB326
3313D–USB–04/06
Selective Suspend
and Resume
The host can selectively suspend and resume a port through the Set Port Feature
(PORT_SUSPEND) and Clear Port Feature (PORT_SUSPEND).
A port enters the suspend state after the microcontroller interprets the suspend request and
sets the appropriate bits of the Hub Port Control Register, HPCON. From this point on he hub
repeater hardware is responsible for proper actions in placing Ports 2:3 in the suspend mode.
For Port 1, the embedded function port, the hardware will stop responding to any normal bus
traffic, but the microcontroller firmware must place all external circuitry associated with the
function in the low-power state.
A port exits from the suspend state when the hub receives a Clear Port Feature
(PORT_SUSPEND) or Set Port Feature (PORT_RESET). If the Clear Port Feature
(PORT_SUSPEND) is directed towards Ports 2:3, the USB hardware drives a “K” downstream
for at least 20 ms followed by a low speed EOP. It then places the port in the enabled state. A
Clear Port Feature (PORT_SUSPEND) to Port 1 (the embedded function) causes the firmware
to wait 20 ms, take the embedded function out of the suspended state and then enable the
port.
The ports can also exit from the suspended state through a remote wakeup if this feature is
enabled. For Ports 2:3, this means detection of a connect/disconnect or an upstream directed
J to K signaling. Remote wakeup for the embedded function is initiated through an external
interrupt at INT0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com