Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 71Page - ATMEL Corporation AT43USB326 Datasheet HTML 72Page - ATMEL Corporation AT43USB326 Datasheet HTML 73Page - ATMEL Corporation AT43USB326 Datasheet HTML 74Page - ATMEL Corporation AT43USB326 Datasheet HTML 75Page - ATMEL Corporation AT43USB326 Datasheet HTML 76Page - ATMEL Corporation AT43USB326 Datasheet HTML 77Page - ATMEL Corporation AT43USB326 Datasheet HTML 78Page - ATMEL Corporation AT43USB326 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
75
AT43USB326
3313D–USB–04/06
Selective Suspend,
Downstream Ports
Selective Suspend,
Embedded Function
Selective Resume,
Embedded Function
Hardware
Firmware
1.
Set or Clear Port Feature
PORT_SUSPEND decoded
2.
Write HPCON[2:0] and HPADD[2:0]
bits
3.
Suspend or resume port per
command
Hardware
Firmware
1.
Set Port Feature PORT_SUSPEND
decoded
2.
Disable Port 1’s endpoints
3.
Set GPIO to low power state if required
Hardware
Firmware
1.
Clear Port Feature PORT_SUSPEND
decoded
2.
Clear Port 1 suspend status bit
3.
Restore GPIO states if required
4.
Wait 23 ms, then set enable status bit
and suspend change bit
5.
Enable Port 1 endpoints
6.
Send updated port status at next
IN to endpoint1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com