Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 17Page - ATMEL Corporation AT43USB326 Datasheet HTML 18Page - ATMEL Corporation AT43USB326 Datasheet HTML 19Page - ATMEL Corporation AT43USB326 Datasheet HTML 20Page - ATMEL Corporation AT43USB326 Datasheet HTML 21Page - ATMEL Corporation AT43USB326 Datasheet HTML 22Page - ATMEL Corporation AT43USB326 Datasheet HTML 23Page - ATMEL Corporation AT43USB326 Datasheet HTML 24Page - ATMEL Corporation AT43USB326 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
21
AT43USB326
3313D–USB–04/06
When the USB hardware is reset, the compound device is de-configured and has to be re-
enumerated by the host. When the microcontroller is reset, all I/O registers are then set to their
initial values, and the program starts execution from address $000. The instruction placed in
address $000 must be a JMP instruction to the reset handling routine. If the program never
enables an interrupt source, the interrupt vectors are not used, and regular program code can
be placed at these locations. The circuit diagram in Figure 6 shows the reset logic. The user
can select the start-up time according to typical oscillator start-up. The number of WDT oscilla-
tor cycles used for each time-out is shown in Table 7.
Figure 6. Reset Logic
Power-on Reset
A Power-on Reset (POR) circuit ensures that the device is reset from power-on. An internal
timer clocked from the Watchdog timer oscillator prevents the MCU from starting until after a
certain period after V
CC has reached the power-on threshold voltage, regardless of the VCC
rise time.
If the build-in start-up delay is sufficient, RESET can be connected to V
CC directly or via an
external pull-up resistor. By holding the pin low for a period after V
CC has been applied, the
Power-on Reset period can be extended.
FSTRT
Cntr Reset
USB Reset
OR
POR Ckt
Reset Ckt
Watchdog Timer
Divider
14-bit Cntr
VCC
RSTN
System Clock
S
R
ON
Table 7. Number of Watchdog Oscillator Cycles
FSTRT
Time-out at V
CC = 5V
Number of WDT cycles
Programmed
1.1 ms
1K
Unprogrammed
16.0 ms
16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com