Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 87Page - ATMEL Corporation AT43USB326 Datasheet HTML 88Page - ATMEL Corporation AT43USB326 Datasheet HTML 89Page - ATMEL Corporation AT43USB326 Datasheet HTML 90Page - ATMEL Corporation AT43USB326 Datasheet HTML 91Page - ATMEL Corporation AT43USB326 Datasheet HTML 92Page - ATMEL Corporation AT43USB326 Datasheet HTML 93Page - ATMEL Corporation AT43USB326 Datasheet HTML 94Page - ATMEL Corporation AT43USB326 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
91
AT43USB326
3313D–USB–04/06
AD
4F
5
7
Right Arrow
AE
E7
6
7
Right GUI
AF
52
7
7
Up Arrow
B0
62
0
8
KP 0
B1
5D
1
8
KP 5
B2
5A
2
8
KP 2
B3
45
38F12
B4
60
4
8
KP 8
B5
44
58F11
B6
4D
6
8
End
B7
4A
7
8
Home
B8
59
0
9
KP 1
B9
5C
1
9
KP 4
BA
57
2
9
KP +
BB
65
3
9
Application
BC
5F
4
9
KP 7
BD
46
5
9
Print Screen
BE
55
6
9
KP *
BF
54
7
9
KP /
C0
1B
0
10
X
C1
1A
1
10
W
C2
16
2
10
S
C3
3B
3
10
F2
C4
1F
4
10
2
C5
3A
5
10
F1
C6
4E
6
10
Page Down
C7
4B
7
10
Page Up
C8
E4
0
11
Right Ctrl
C9
6B
1
11
CA
D5
2
11
HK Calculator
CB
D4
3
11
HK Media
CC
E0
4
11
Left CTRL
CD
C0
5
11
HK Suspend
CE
39
6
11
Caps Lock
CF
D6
7
11
HK My Comp
D0
1D
0
12
Z
Table 34. Keyboard Matrix (Continued)
Address
Data
KB Row
KB Col
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com