Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT43USB326
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT43USB326 Datasheet HTML 77Page - ATMEL Corporation AT43USB326 Datasheet HTML 78Page - ATMEL Corporation AT43USB326 Datasheet HTML 79Page - ATMEL Corporation AT43USB326 Datasheet HTML 80Page - ATMEL Corporation AT43USB326 Datasheet HTML 81Page - ATMEL Corporation AT43USB326 Datasheet HTML 82Page - ATMEL Corporation AT43USB326 Datasheet HTML 83Page - ATMEL Corporation AT43USB326 Datasheet HTML 84Page - ATMEL Corporation AT43USB326 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
81
AT43USB326
3313D–USB–04/06
Table 21. Hub Timings, Full-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
THDD2
Hub Differential Data
Delay without cable
44
ns
THDJ1
THDJ2
Hub Diff Driver Jitter to
Next Transition for Paired
Transitions
-3
-1
3
1
ns
TFSOP
Data Bit Width Distortion
after SOP
-5
5
ns
TFEOPD
Hub EOP Delay Relative
to THDD
015
ns
TFHESK
Hub EOP Output Width
Skew
-15
15
ns
Table 22. Hub Timings, Low-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TLHDD
Hub Differential Data
Delay
300
ns
TLHDJ1
TLHDJ2
TLUHJ1
TLUHJ2
Downstr Hub Diff Driver
Jitter to Next Transition,
downst for Paired
Transitions, downst to
Next Transition, upstr for
Paired Transitions, upstr
-45
-15
-45
-45
45
15
45
45
ns
TSOP
Data Bit Width Distortion
after SOP
-60
60
ns
TLEOPD
Hub EOP Delay Relative
to THDD
0
200
ns
TLHESK
Hub EOP Output Width
Skew
-300
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com