Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 103 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 103 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 99Page - Texas Instruments CC1110-RTY1 Datasheet HTML 100Page - Texas Instruments CC1110-RTY1 Datasheet HTML 101Page - Texas Instruments CC1110-RTY1 Datasheet HTML 102Page - Texas Instruments CC1110-RTY1 Datasheet HTML 103Page - Texas Instruments CC1110-RTY1 Datasheet HTML 104Page - Texas Instruments CC1110-RTY1 Datasheet HTML 105Page - Texas Instruments CC1110-RTY1 Datasheet HTML 106Page - Texas Instruments CC1110-RTY1 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 103 of 202
T2CTL (0x9E) – Timer 2 Control
Bit
Name
Reset
R/W
Description
7
-
0
R/W0
Not used.
6
TEX
0
R/W0
Timer expired. This bit is set when the timer expires. Writing a 1 to this
bit has no effect
5
-
0
R/W
Reserved. Should always be written as 0
4
INT
0
R/W
Interrupt enable. Select interrupt generated on timer expiration
0 Interrupt disabled
1 Interrupt enabled
3
-
0
R/W
Reserved. Should always be written as 0
2
TIG
0
R/W
Tick generator mode.
0 Tick generator is running when
T2CT not equal to 00h. The tick
generator will always start running form its null state.
1 Tick generator is in free-running mode. If it is not already running it
will start from its null state when a ‘1’ is written to TIG.
1:0
TIP[1:0]
00
R/W
Tick period. Selects tick period based on prescaler multiplier value.
00 Tick period is T2PR * 64 clock cycles
01 Tick period is T2PR * 128 clock cycles
10 Tick period is T2PR * 256 clock cycles
11 Tick period is T2PR * 1024 clock cycles
T2CT (0x9C) – Timer 2 Count
Bit
Name
Reset
R/W
Description
7:0
CNT[7:0]
0x00
R/W
Timer count. Contents of 8-bit counter
T2PR (0x9D) – Timer 2 Prescaler
Bit
Name
Reset
R/W
Description
7:0
PR[7:0]
0x00
R/W
Timer prescaler multiplier. 0x00 is interpreted as 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com