Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 106 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 106 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 102Page - Texas Instruments CC1110-RTY1 Datasheet HTML 103Page - Texas Instruments CC1110-RTY1 Datasheet HTML 104Page - Texas Instruments CC1110-RTY1 Datasheet HTML 105Page - Texas Instruments CC1110-RTY1 Datasheet HTML 106Page - Texas Instruments CC1110-RTY1 Datasheet HTML 107Page - Texas Instruments CC1110-RTY1 Datasheet HTML 108Page - Texas Instruments CC1110-RTY1 Datasheet HTML 109Page - Texas Instruments CC1110-RTY1 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 106 of 202
WORCTL (0xA2) – Sleep Timer Control
Bit
Name
Reset
R/W
Description
7
-
0
R0
Not used
6:4
EVENT1[2:0]
111
R/W
Event 1 timeout. RC oscillator clock frequency equals
FXOSC/750, which is 34 – 36 kHz, depending on crystal
frequency. The table below lists the number of clock cycles
after Event 0 before Event 1 times out.
000
4 (0.107 ms – 0.125 ms)
001
6 (0.161 ms – 0.188 ms)
010
8 (0.214 ms – 0.25 ms)
011
12 (0.321 ms – 0.375 ms)
100
16 (0.429 ms – 0.5 ms)
101
24 (0.643 ms – 0.75 ms)
110
32 (0.857 ms – 1 ms)
111
48 (1.286 ms – 1.5 ms)
3
-
-
R0
Not used
2
WOR_RESET
0
R0/W1
Reset timer. If a 1 is written to this bit location, the timer is
reset. Writing 0 will have no effect. Always read as 0
1:0
WOR_RES[1:0]
00
R/W
Timer resolution
Controls the resolution and maximum timeout of the WOR
timer. Adjusting the resolution does not affect the clock cycle
counter:
00
31.25 us resolution, 2 s max timeout (15:0)
01
1 ms resolution, 65 s max timeout (20:5)
10
32 ms resolution, 35 min max timeout (25:10)
11
1 s resolution, 18 h max timeout (30:15)
WORIRQ (0xA1) – Sleep Timer Interrupt Control
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Not used
5
EVENT1_MASK
0
R/W
Event 1 interrupt mask
0 : interrupt is disabled
1 : interrupt is enabled
4
EVENT0_MASK
0
R/W
Event 0 interrupt mask
0 : interrupt is disabled
1 : interrupt is enabled
3:2
-
00
R0
Not used
1
EVENT1_FLAG
0
R/W0
Event 1 interrupt flag
0 : no interrupt is pending
1 : interrupt is pending
0
EVENT0_FLAG
0
R/W0
Event 0 interrupt flag
0 : no interrupt is pending
1 : interrupt is pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com