Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 104 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 104 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 100Page - Texas Instruments CC1110-RTY1 Datasheet HTML 101Page - Texas Instruments CC1110-RTY1 Datasheet HTML 102Page - Texas Instruments CC1110-RTY1 Datasheet HTML 103Page - Texas Instruments CC1110-RTY1 Datasheet HTML 104Page - Texas Instruments CC1110-RTY1 Datasheet HTML 105Page - Texas Instruments CC1110-RTY1 Datasheet HTML 106Page - Texas Instruments CC1110-RTY1 Datasheet HTML 107Page - Texas Instruments CC1110-RTY1 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 104 of 202
13.5 Sleep Timer
The Sleep Timer is used to control when
the
CC1110 exits from the low-power modes
PM1 or PM2. Thus the Sleep Timer can be
used to implement a wake up functionality
which enables
CC1110 to periodically wake
up from low-power mode and listen for
incoming RF packets. Additionally the
Sleep Timer can be used as a real time
clock when the 32.768 kHz crystal
oscillator is used.
13.5.1 Sleep Timer Operation
This section describes the operation of the
timer.
The Sleep Timer consists of a 31-bit
counter. The appropriate bits of this
counter are selected according to a
resolution setting determined by the
WORCTL.WOR_RES register bits. The Sleep
Timer is clocked by the 32.768 kHz clock.
The source for this clock is either the
32.768 kHz crystal oscillator or the 34 kHz
low power RC oscillator. The timer runs in
all power modes except PM3 where all
oscillators are powered off. The timer can
be
reset
by
writing
1
to
the
WORCTL.WOR_RESET register bit.
The Sleep Timer has two programmable
timing events called Event 0 and Event 1.
While in power mode PM1 or PM2,
reaching Event 0 will turn on the digital
voltage regulator and start the crystal
oscillator. Event 1 always follows Event 0
after a programmed timeout.
The time between two consecutive Event
0’s is programmed with timeout value set
by
a
mantissa
value
given
by
WOREVT1.EVENT0
and
WOREVT0.EVENT0,
and
an
exponent
value set by WORCTRL.WOR_RES. The
equation is:
RES
WOR
XOSC
Event
EVENT
f
t
_
5
0
2
0
750
⋅
⋅
⋅
=
The Event 1 timeout is programmed with
WORCTRL.EVENT1.
Figure 19 shows the timing relationship
between Event 0 timeout and Event 1
timeout.
t
Event0
t
Event1
Event1
Event0
Event1
Event0
t
Event1
t
Event0
t
Figure 19: Event 0 and Event 1
Relationship
13.5.2 Low power RC oscillator and
timing
This section applies to using the low
power RC oscillator as clock source for the
Sleep Timer.
The frequency of the low-power RC
oscillator, which can be used as clock
source for the Sleep Timer, varies with
temperature and supply voltage. In order
to keep the frequency as accurate as
possible,
the
RC
oscillator
will
be
calibrated whenever possible, which is
when the 26 MHz crystal oscillator is
running and the chip is in the PM0 power
mode. When the chip goes to PM1 or
PM2, the RC oscillator will use the last
valid calibration result. The frequency of
the low power RC oscillator is therefore
locked to the 26 MHz crystal oscillator
frequency divided by 750.
13.5.3 Sleep Timer Interrupts
The Sleep Timer generates the Sleep
Timer interrupt, ST, when one of the timing
events Event 0 or Event 1, occur. Each of
these interrupt sources can be masked
using the WORIRQ interrupt mask bits. The
interrupt flag bits in WORIRQ will be set
when the corresponding event occurs.
13.5.4 Sleep Timer Registers
The SFR registers associated with the
Sleep Timer are described in the following



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com