Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 31Page - Texas Instruments CC1010-RTY1 Datasheet HTML 32Page - Texas Instruments CC1010-RTY1 Datasheet HTML 33Page - Texas Instruments CC1010-RTY1 Datasheet HTML 34Page - Texas Instruments CC1010-RTY1 Datasheet HTML 35Page - Texas Instruments CC1010-RTY1 Datasheet HTML 36Page - Texas Instruments CC1010-RTY1 Datasheet HTML 37Page - Texas Instruments CC1010-RTY1 Datasheet HTML 38Page - Texas Instruments CC1010-RTY1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
CC1010
SWRS047
Page 35 of 152
Mode
Core
Peripherals
Typical current
consumption
1
Exit condition
Main osc.
Main osc.
14.8 mA at
14.7456 MHz
Writing SFR
Active
RTC osc.
(32 kHz)
RTC osc.
(32 kHz)
1.3 mA
Writing SFR
Stopped
Main osc.
12.8 mA at
14.7456 MHz
Idle
Stopped
RTC osc.
(32 kHz)
ADC Off
29.4 uA
Interrupt
Reset
Power off/on
Stopped
ADC On
(32 kHz)
200 uA
ADC value exceeds threshold
Reset
Power off/on
Power-Down
Stopped
Stopped
0.2 uA
Reset
Power off/on
Note 1: Flash duty-cycle reduction is used for all modes
Table 15. Operating modes summary
15.9.4
Clock Modes
The 8051 and its peripherals can be run
on both the main crystal oscillator (Clock
Mode 0) and the 32.768 kHz oscillator
(Clock Mode 1). The clock mode is set in
X32CON.CMODE.
15.9.5
Entering Clock Mode 1 from
Clock Mode 0
After reset, the 8051 and its peripherals
are running on the main crystal oscillator,
and the 32.768 kHz oscillator is in power
down. To enter Clock Mode 1, the 32.768
kHz oscillator must first be powered up.
This requires clearing X32CON.X32_PD
and then waiting at least 160 ms, after
which X32CON.CMODE can be set to enter
Clock Mode 1.
If an external 32.768 kHz clock source is
already available in the system, this clock
can be applied to the XOSC32_Q1 pin after
setting the X32CON.X32_BYPASS bit.
After 2 to 3 clock periods on the 32.768
kHz oscillator, a glitch free transition has
been made from the main crystal oscillator
to the 32.768 kHz oscillator. If desired, the
main crystal oscillator can then be set in
power down to save more power by
setting
RFMAIN.CORE_PD
and
RFMAIN.BIAS_PD.
This
has
the
disadvantage that a later transition from
Clock Mode 1 to Clock Mode 0 will require
the main crystal oscillator to be powered
up again.
Since the Flash program memory draws a
static current, Idle Mode together with
Flash Power Control (see page 44) should
be applied for maximum power saving in
Clock Mode 1.
The RF receiver cannot be activated in
Clock Mode 1.
15.9.6
Entering Clock Mode 0 from
Clock Mode 1
To enter Clock Mode 0 from Clock Mode
1, the main crystal oscillator must first be
set in power up (if powered down). This
requires clearing RFMAIN.CORE_PD and
RFMAIN.BIAS_PD and then waiting at
least 5 ms (depend on main oscillator
frequency, see Electrical Specifications
page 7). If the oscillator is already
powered up, no waiting is required.
Clearing X32CON.CMODE will then cause a
glitch free transition from Clock Mode 1 to
Clock Mode 0 after 2 to 3 clock periods on
the main crystal oscillator.
15.9.7
Flash Power Control
The Flash program memory current
consumption
can
be
controlled
as
described in the Flash Power Control
section on page 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com