Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 40Page - Texas Instruments CC1010-RTY1 Datasheet HTML 41Page - Texas Instruments CC1010-RTY1 Datasheet HTML 42Page - Texas Instruments CC1010-RTY1 Datasheet HTML 43Page - Texas Instruments CC1010-RTY1 Datasheet HTML 44Page - Texas Instruments CC1010-RTY1 Datasheet HTML 45Page - Texas Instruments CC1010-RTY1 Datasheet HTML 46Page - Texas Instruments CC1010-RTY1 Datasheet HTML 47Page - Texas Instruments CC1010-RTY1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
CC1010
SWRS047
Page 44 of 152
FLTIM=0x05;
/* Set Flash timing for 3.6864 MHz clock frequency */
FLADR=0x01;
/* Write data to the second page in Flash */
EICON|=0x20;
/* Enable Flash interrupt */
IE&= ~0x80;
/* Disable other interrupts */
FLCON=0x10 | (0x100 >> 7);
/* Enable Flash writing, RAM buffer from addr. 0x100 */
PCON|=0x01;
/* Enter Idle Mode to start Flash writing.
15.14 Flash Power Control
The Flash module can be set into different
power modes using the control bits
FLCON.FLASH_LP(1:0) introduced in
the previous section.
After reset, the Flash module is always
active,
drawing
a
static
current
of
approximately
2.5
mA
(at
nominal
operating conditions). However, to save
power the Flash module can be set in a
power-down mode between instructions in
Active mode, and always in Idle or Power-
Down mode. This will save approximately
1.5 mA of the Flash current consumption
during operation in Active mode, and 2.5
mA during Idle or Power-Down mode.
15.15 In Circuit Debugging
In order to facilitate a software monitor for
in-circuit debugging/emulation capabilities
a number of hardware support features
have been implemented:
A breakpoint instruction has been added
to
the
8051's
instruction
set.
The
instruction, given the mnemonic TRAP, is a
single byte instruction with the opcode
0xA5. In the original 8051 the 0xA5
opcode is executed as a NOP instruction
(opcode 0x00.) In the modified core this
instruction raises a highest-level interrupt
(Flash
/
Debug)
by
setting
the
corresponding interrupt flag EICON.FDIF
and waiting a sufficient number of
instruction cycles to allow the interrupt to
take effect before the next instruction.
The TRAP instruction can thus be written
over the first byte (opcode) of any other
instruction, the execution of which then will
result in a branch to a software debugging
monitor in the highest priority interrupt
service routine.
Single-stepping through instructions is
supported since exactly one instruction is
executed if an interrupt condition exists
when returning from an interrupt service
routine. Thus, single-stepping can be
accomplished simply by not clearing the
corresponding interrupt flag in the interrupt
service
routine
associated
with
the
software monitor.
A second serial port has been added to
enable debugging communication with a
host PC without disrupting applications
that use the main serial port for other
purposes.
Setting breakpoints and executing the
instructions which have a breakpoint
attached involves writing new data to the
Flash instruction memory several times.
Since the Flash memory can only
withstand 20000 (typical) erase/write-
cycles a simple instruction replacement
mechanism has been implemented. This
feature allows the surveillance of an
address in the instruction memory space
as defined in registers RADRL and RADRH.
When this address is encountered on the
Flash program memory address bus, the
data returned on the data bus is replaced
by the contents of register RDATA. Setting
RADRH=RADRL=0
disables
the
replacement mechanism.
This instruction replacement mechanism
can be used in different ways:
A simple way of setting a single soft
(not stored in FLASH) breakpoint, by
setting RDATA to 0xA5 (the TRAP
instruction)
and
RADR
to
the
breakpoint address.
A simple way of restoring the original
opcode byte of an instruction which
has been subjected to a hard (stored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com