Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 97 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 93Page - Texas Instruments CC1010-RTY1 Datasheet HTML 94Page - Texas Instruments CC1010-RTY1 Datasheet HTML 95Page - Texas Instruments CC1010-RTY1 Datasheet HTML 96Page - Texas Instruments CC1010-RTY1 Datasheet HTML 97Page - Texas Instruments CC1010-RTY1 Datasheet HTML 98Page - Texas Instruments CC1010-RTY1 Datasheet HTML 99Page - Texas Instruments CC1010-RTY1 Datasheet HTML 100Page - Texas Instruments CC1010-RTY1 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
CC1010
SWRS047
Page 97 of 152
17.9 Demodulation and data decision
A block diagram of the digital demodulator
is shown in Figure 25. The IF signal is
sampled and its instantaneous frequency
is detected. The result is decimated and
filtered. In the data slicer the data filter
output is compared to the average filter
output to generate the data output.
The averaging filter is used to find the
average value of the incoming data. While
the averaging filter is running and
acquiring samples, it is important that the
number of high and low bits received is
equal
(e.g.
Manchester
code
or
a
balanced preamble).
Therefore all modes, also synchronous
NRZ mode, need a DC balanced preamble
for the internal data slicer to acquire
correct
comparison
level
from
the
averaging filter. The suggested preamble
is a ‘010101…’ bit pattern. The same bit
pattern should also be used in Manchester
mode, giving a ‘011001100110…chip
pattern. This is necessary for the bit
synchronizer to synchronize correctly.
The averaging filter must be locked before
any NRZ data can be received. This can
be done in one of two ways:
•
After receiving the preamble and byte
synchronisation
(see
the
Synchronization
and
preamble
detection section on page 102), set
MODEM1.LOCK_AVG_IN='1' to stop
updating the averaging filter.
•
Set
MODEM1.LOCK_AVG_MODE='1',
and
then
enter
Receive
mode
(RFMAIN.RX_PD=’0’). The averaging
filter will then be automatically locked
after a preset number of baud periods,
programmable in MODEM1.SETTLING.
The settling time is programmable
from 11 to 86 bauds. The average
filter lock status can be read through
MODEM1.AVG_FILTER_STAT.
Please note that the locking is only
automatic in that the lock is enabled
the programmed number of bit periods
after receive mode is entered. The
automatic locking should therefore
only be used in situations where the
transceiver will be switched away from
receive mode as soon as it is
determined that no data is present.
If
the
averaging
filter
is
locked
(MODEM1.LOCK_AVG_MODE='1'),
the
acquired value will be kept also after
Power Down or Transmit mode.
After
a
modem
reset
(MODEM1.MODEM_RESET_N), or a main
reset (using any of the standard reset
sources), the averaging filter is reset.
In a polled receiver system the automatic
locking can be used. This is illustrated in
Figure 26. If the receiver is operated
continuously
and
searching
for
a
preamble, the averaging filter should be
locked manually as soon as the preamble
is detected. This is shown in Figure 27. If
the data is Manchester coded there is no
need
to
lock
the
averaging
filter
(MODEM1.LOCK_AVG_IN='0'), as shown in
Figure 28.
The minimum length of the preamble
depends on the acquisition mode selected
and the settling time. Table 31 gives the
minimum recommended number of chips
for the preamble in NRZ and UART
modes. In this context ‘chips’ refer to the
data coding. Using Manchester coding
every bit consists of two ‘chips’. For
Manchester
mode
the
minimum
recommended number of chips is shown
in Table 32.
A special feature in the data filter is a peak
remover acting like a low pass filter. The
peak threshold must be programmed
according to the deviation and expected
frequency
drift.
When
MODEM1.PEAKDETECT
is
enabled,
MODEM2.PLO should be set such that:
8
5
2
⋅
∆
+
−
=
f
IF
f
IF
f
PLO
low
s
low
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com