Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 87 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 83Page - Texas Instruments CC1010-RTY1 Datasheet HTML 84Page - Texas Instruments CC1010-RTY1 Datasheet HTML 85Page - Texas Instruments CC1010-RTY1 Datasheet HTML 86Page - Texas Instruments CC1010-RTY1 Datasheet HTML 87Page - Texas Instruments CC1010-RTY1 Datasheet HTML 88Page - Texas Instruments CC1010-RTY1 Datasheet HTML 89Page - Texas Instruments CC1010-RTY1 Datasheet HTML 90Page - Texas Instruments CC1010-RTY1 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
CC1010
SWRS047
Page 87 of 152
Item
433 MHz
868 MHz
915 MHz
C31
10 pF, 5%, C0G, 0603
8.2 pF, 5%, C0G, 0603
8.2 pF, 5%, C0G, 0603
C41
6.8 pF, 5%, C0G, 0603
Not used
Not used
C42
8.2 pF, 5%, C0G, 0603
10 pF, 5%, C0G, 0603
10 pF, 5%, C0G, 0603
C171
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
C181
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
18 pF, 5%, C0G, 0603
L32
68 nH, 10%, 0805
(Coilcraft 0805CS-680XKBC)
12 nH, 10%, 0805
(Coilcraft 0805CS-120XKBC)
12 nH, 10%, 0805
(Coilcraft 0805CS-120XKBC)
L41
6.2 nH, 10%, 0805
(Coilcraft 0805HQ-6N2XKBC)
2.5 nH, 10%, 0805
(Coilcraft 0805HQ-2N5XKBC)
2.5 nH, 10%, 0805
(Coilcraft 0805HQ-
2N5XKBC)
L101
27 nH, 5%, 0805
(Koa KL732ATE27NJ)
3.3 nH, 5%, 0805
(Koa KL732ATE3N3C)
3.3 nH, 5%, 0805
(Koa KL732ATE3N3C)
R131
82 k
, 1%, 0603
82 k
, 1%, 0603
82 k
, 1%, 0603
XTAL
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
14.7456 MHz crystal,
16 pF load
Table 28. Bill of materials for the application circuit
Note: Shaded items are different for different frequencies
Note that the component values for 868
and 915 MHz can be the same. However,
it is important that the layout is optimised
for the selected VCO inductor in order to
centre the tuning range around the
operating
frequency
to
account
for
inductor tolerance. The VCO inductor must
be placed very close and symmetrical with
respect to the pins (L1 and L2).
Chipcon provides reference layouts that
should be followed very closely in order to
achieve
the
best
performance.
The
reference design can be downloaded from
the Chipcon website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com