Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 18Page - Texas Instruments CC1010-RTY1 Datasheet HTML 19Page - Texas Instruments CC1010-RTY1 Datasheet HTML 20Page - Texas Instruments CC1010-RTY1 Datasheet HTML 21Page - Texas Instruments CC1010-RTY1 Datasheet HTML 22Page - Texas Instruments CC1010-RTY1 Datasheet HTML 23Page - Texas Instruments CC1010-RTY1 Datasheet HTML 24Page - Texas Instruments CC1010-RTY1 Datasheet HTML 25Page - Texas Instruments CC1010-RTY1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
CC1010
SWRS047
Page 22 of 152
DPS (0x86) - Data Pointer Select
Bit
Name
R/W
Reset value
Description
7:1
-
R0
0x00
Reserved, read as 0
0
SEL
R/W
0x00
Data Pointer Select for external RAM access
0 :
DPH0 and DPL0 are used
1 :
DPH1 and DPL1 are used
MPAGE (0x92) - Memory Page Select Register
Bit
Name
R/W
Reset value
Description
7:0
MPAGE(7:0)
R/W
0x00
Memory Page
A total of 119 Special Function Registers
(SFRs)
are
accessible
from
the
microcontroller core. The names and
addresses of all SFRs are listed in Table
11. All standard 8051 registers are
available, in addition to SFRs which are
CC1010 specific, controlling modules such
as the RF Transceiver, DES encryption,
ADC and Real-Time Clock.
All SFRs will be described in the following
sections. A more detailed overview is
provided in Table 41 on page 144, which
also includes all reset values. SFRs with
addresses ending with 0 or 8 (leftmost
column of Table 11) are bit adressable.
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
0xF8
EIP
TEST0
TEST1
TEST2
TEST3
TEST4
TEST5
TEST6
0xF0
B
FSHAPE7
FSHAPE6
FSHAPE5
FSHAPE4
FSHAPE3
FSHAPE2
FSHAPE1
0xE8
EIE
FSDELAY
FSEP0
FSEP1
FSCTRL
RTCON
FREND
TESTMUX
0xE0
ACC
CURRENT
PA_POW
PLL
LOCK
CAL
PRESCALER
RESERVED
0xD8
EICON
MODEM2
MODEM1
MODEM0
MATCH
FLTIM
-
-
0xD0
PSW
X32CON
WDT
PDET
BSYNC
-
-
-
0xC8
RFMAIN
RFBUF
FREQ_0A
FREQ_1A
FREQ_2A
FREQ_0B
FREQ_1B
FREQ_2B
0xC0
SCON1
SBUF1
RFCON
CRPCON
CRPKEY
CRPDAT
CRPCNT
RANCON
0xB8
IP
RDATA
RADRL
RADRH
CRPINI4
CRPINI5
CRPINI6
CRPINI7
0xB0
P3
-
-
-
CRPINI0
CRPINI1
CRPINI2
CRPINI3
0xA8
IE
TCON2
T2PRE
T3PRE
T2
T3
FLADR
FLCON
0xA0
P2
SPCR
SPDR
SPSR
P0DIR
P1DIR
P2DIR
P3DIR
0x98
SCON0
SBUF0
-
-
-
-
-
CHVER
0x90
P1
EXIF
MPAGE
ADCON
ADDATL
ADDATH
ADCON2
ADTRH
0x88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
-
0x80
P0
SP
DPL0
DPH0
DPL1
DPH1
DPS
PCON
Table 11
CC1010 SFR Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com