Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 56Page - Texas Instruments CC1010-RTY1 Datasheet HTML 57Page - Texas Instruments CC1010-RTY1 Datasheet HTML 58Page - Texas Instruments CC1010-RTY1 Datasheet HTML 59Page - Texas Instruments CC1010-RTY1 Datasheet HTML 60Page - Texas Instruments CC1010-RTY1 Datasheet HTML 61Page - Texas Instruments CC1010-RTY1 Datasheet HTML 62Page - Texas Instruments CC1010-RTY1 Datasheet HTML 63Page - Texas Instruments CC1010-RTY1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 152 page
background image
CC1010
SWRS047
Page 60 of 152
Figure 11. Timer Mode operation for Timer 2 / Timer 3
T2PRE (0xAA) - Timer 2 Prescaler Control
Bit
Name
R/W
Reset value
Description
7:0
T2PRE(7:0) R/W 0x00
Timer 2 Prescaler Control.
In Timer Mode,
T2PRE sets the 8 most significant bits of
the 16-bit counter reload value. In PWM Mode,
T2PRE
sets the prescaler value that sets the PWM period.
T3PRE (0xAB) - Timer 3 Prescaler Control
Bit
Name
R/W
Reset value
Description
7:0
T3PRE(7:0) R/W 0x00
Timer 3 Prescaler Control.
In Timer Mode,
T3PRE sets the 8 most significant bits of
the 16-bit counter reload value. In PWM Mode,
T3PRE
sets the prescaler value that sets the PWM period.
T2 (0xAC) - Timer 2 Low byte counter value
Bit
Name
R/W
Reset value
Description
7:0
T2(7:0)
R/W
0x00
In Timer Mode,
T2 sets the 8 least significant bits of the
16-bit counter reload value. In PWM Mode
T2 sets the
PWM duty cycle.
T3 (0xAD) - Timer 3 Low byte counter value
Bit
Name
R/W
Reset value
Description
7:0
T3(7:0)
R/W
0x00
In Timer Mode,
T3 sets the 8 least significant bits of the
16-bit counter reload value. In PWM Mode
T3 sets the
PWM duty cycle.
16.3.2
PWM Mode
Timer 2 /Timer 3 can be set in PWM Mode
by setting the bit TCON2.M2 / TCON2.M3.
The pins P3.4 / P3.5 are then enabled as
outputs, overriding the port direction bit
P3DIR.4 / P3DIR.5. The port direction is
overridden independent of the timer run
control bit TCON2.TR2 / TCON2.TR3.
Interrupts are not generated in PWM
mode.
P3.4 is the PWM output for timer 2, P3.5
is the PWM output for Timer 3.
The PWM operation is illustrated in Figure
13. The PWM period TnPWM for timer n is
set by TnPRE:
(
)
system
nPWM
f
T
1
255
+
=
TnPRE
Divide
by 255
Timer 2 (or Timer 3)
16 bit counter
EXIF.TF2
(or EXIF.TF3)
Timer 2
(or Timer 3)
interrupt request
Clk
Mux
Mux
0
12
3
4
5
6
7
8
9 10 11 12 13 14 15
0
12
3
4
5
67
0 12
3
4
5
67
T2 (or T3)
T2PRE (or T3PRE)
Underflow
TR2
(or TR3)
System
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com