Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 93 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 89Page - Texas Instruments CC1010-RTY1 Datasheet HTML 90Page - Texas Instruments CC1010-RTY1 Datasheet HTML 91Page - Texas Instruments CC1010-RTY1 Datasheet HTML 92Page - Texas Instruments CC1010-RTY1 Datasheet HTML 93Page - Texas Instruments CC1010-RTY1 Datasheet HTML 94Page - Texas Instruments CC1010-RTY1 Datasheet HTML 95Page - Texas Instruments CC1010-RTY1 Datasheet HTML 96Page - Texas Instruments CC1010-RTY1 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
CC1010
SWRS047
Page 93 of 152
MODEM0 (0xDB) - Modem Control Register 0
Bit
Name
R/W
Reset value
Description
7:5
BAUDRATE(2:0)
R/W
011
000 : 0.6 kBaud
001 : 1.2 kBaud
010 : 2.4 kBaud
011 : 4.8 kBaud
100 : 9.6 kBaud
101 : 19.2, 38.4 and 76.8 kBaud
110 : Not used
111 : Not used
4:3
DATA_FORMAT (1:0)
R/W
10
00 : NRZ mode
01 : Manchester mode
10 : Transparent mode
11 : UART mode
2:0
XOSC_FREQ (2:0)
R/W
001
Select the current crystal oscillator frequency.
000 : 3-4 MHz, 3.6864 MHz recommended
Also used for 76.8 kBaud for 14.7456 MHz
and 38.4 kBaud for 7.3728 MHz
001 : 6-8 MHz, 7.3728 MHz recommended
Also used for 38.4 kBaud for 14.7456 MHz
010 : 9-12 MHz, 11.0592 MHz recommended
Also used for 38.4 kBaud for 22.1184 MHz
011 : 12-16 MHz, 14.7456 MHz
recommended
100 : 16-20 MHz, 18.4320 MHz
recommended
101 : 20-24 MHz, 22.1184 MHz
recommended
110 : Reserved for future use
111 : Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com