Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 19Page - Texas Instruments CC1010-RTY1 Datasheet HTML 20Page - Texas Instruments CC1010-RTY1 Datasheet HTML 21Page - Texas Instruments CC1010-RTY1 Datasheet HTML 22Page - Texas Instruments CC1010-RTY1 Datasheet HTML 23Page - Texas Instruments CC1010-RTY1 Datasheet HTML 24Page - Texas Instruments CC1010-RTY1 Datasheet HTML 25Page - Texas Instruments CC1010-RTY1 Datasheet HTML 26Page - Texas Instruments CC1010-RTY1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
CC1010
SWRS047
Page 23 of 152
15.4 CPU Registers
CC1010 provides 4 register banks of 8
registers each. These register banks are
mapped in the the internal data memory
(see the Memory section on page 33) at
addresses 0x00 - 0x07, 0x08 - 0x0F, 0x10
- 0x17 and 0x18 - 0x1F. Each register
bank contains the 8 8-bit registers R0
through R7. The different register banks
are selected through the Program Status
Word PSW.RS(1:0) as shown below.
PSW also contains carry, overflow and
parity flags that reflect the current CPU
state.
In addition, the CPU uses the accumulator
register A (accessed via the SFR space as
ACC), B (for multiplication and division) and
the stack pointer SP. These registers are
shown below. Note that the hardware
stack pointer SP is increased when
pushing and decreased when popping
data, unlike many other microcontroller
architectures.
PSW (0xD0) - Program Status Word
Bit
Name
R/W
Reset value
Description
7
CY
R/W
0
Carry Flag, set to 1 when the last arithmetic
operation resulted in a carry (during addition) or
borrow (during subtraction), otherwise cleared to
0 by all arithmetic operations.
CY is also used for
rotation instructions.
6
AC
R/W
0
Auxiliary carry flag. Set to 1 when the last
arithmetic operation resulted in a carry into
(during addition) or borrow from (during
subtraction) the high order nibble, otherwise
cleared to 0 by all arithmetic operations.
5
F0
R/W
0
Flag 0 (Available to the user for general purpose)
4
RS1
R/W
0
3
RS0
R/W
0
Register bank select.
RS1
RS0
Working register bank and address
0
0
Bank0
0x00-0x07
0
1
Bank1
0x08-0x0F
1
0
Bank2
0x10-0x17
1
1
Bank3
0x18-0x1F
2
OV
R/W
0
Overflow flag. Set to 1 when the last arithmetic
operation resulted in a carry (addition), borrow
(subtraction), or overflow (multiply or divide).
Otherwise, the bit cleared to 0 by all arithmetic
operations.
1
F1
R/W
0
Flag 1 (Available to the user for general purpose)
0
P
R/W
0
Parity flag. Set to 1 when the modulo-2 sum of
the 8 bits in the accumulator is 1 (odd parity),
cleared to 0 on even parity.
ACC (0xE0) - Accumulator Register
Bit
Name
R/W
Reset value
Description
7:0
ACC(7:0)
R/W
0x00
Accumulator
B (0xF0) - B Register
Bit
Name
R/W
Reset value
Description
7:0
B(7:0)
R/W
0x00
B is used for multiplication and division



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com