Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 65Page - Texas Instruments CC1010-RTY1 Datasheet HTML 66Page - Texas Instruments CC1010-RTY1 Datasheet HTML 67Page - Texas Instruments CC1010-RTY1 Datasheet HTML 68Page - Texas Instruments CC1010-RTY1 Datasheet HTML 69Page - Texas Instruments CC1010-RTY1 Datasheet HTML 70Page - Texas Instruments CC1010-RTY1 Datasheet HTML 71Page - Texas Instruments CC1010-RTY1 Datasheet HTML 72Page - Texas Instruments CC1010-RTY1 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
CC1010
SWRS047
Page 69 of 152
The clock output is high when the serial
port is idle. In reception, data is shifted in
on the rising edge of the clock. In
transmission, each new bit is set on the
falling edge of the clock.
T1M/TH1
Baudrate
(kBaud)
Fxosc =
3.6864
MHz
Fxosc =
7.3728
MHz
Fxosc =
11.0592
MHz
Fxosc =
14.7456
MHz
Fxosc =
18.4320
MHz
Fxosc =
22.1184
MHz
57.6
1/255
1/254
0/255
1/252
1/251
1/250
19.2
1/253
1/250
0/253
0/252
1/241
1/238
9.6
1/250
1/244
0/250
0/248
1/226
1/220
4.8
1/244
1/232
0/244
0/240
1/196
1/184
2.4
1/232
1/208
0/232
0/224
1/136
1/112
1.2
1/208
1/160
0/208
0/192
1/16
0/160
Table 23. Baud rate examples (SMODx=1)
16.7.2
MODE1
Mode 1 provides standard asynchronous
full duplex communication, using a total of
10 bits: 1 start bit, 8 data bits and 1 stop
bit. For receive operations, the stop bit is
stored
in
SCON0.RB8_0
(or
SCON1.RB8_1). Data bits are received
and transmitted with their LSB first.
The baud rate for mode 1 is a function of
timer 1 overflow. Each time the timer
increments from its maximum count
(0xFF), a clock pulse is sent to the baud
rate circuit, to be further divided by 16 or
32
as
set
by
PCON.SMOD0
/
EICON.SMOD1 to give the baud rate:
overflow
Timer
Rate
Baud
1
32
2
=
SMODx
As can be seen from the equation above,
if
both
serial
ports
are
in
use
simultaneously, the baud rate is equal or
different by a factor 2.
It is common to use Timer 1 in Mode 2 (8-
bit counter with auto-reload) for baud rate
generation, although any timer mode can
be used. The Timer 1 reload value is
stored in the TH1 register, which makes
the complete baudrate using mode 2:
)
256
(
)
8
12
(
32
2
TH1
T1M
SMODx
=
system
f
Rate
Baud
T1M in the above equation is in register
CKCON (see page 55), and controls the
initial division in Timer 1 between 4 and
12.
Some example baud rates and reload
values are shown in Table 23. The setting
for other baud rates and oscillator
frequencies can be determined by using
the above equation.
To transmit data in mode 1, write data to
SBUF0 / SBUF1. Transmission is then
performed on TXD0 / TXD1 in the following
order: start bit, 8 data bits (LSB first) and
then the stop bit.
Reception begins on the falling edge of a
start bit received on RXD0 / RXD1, if
reception is enabled in SCON0.REN_0 /
SCON1.REN_1. The data input is sampled
16 times per baud for any baud rate. Each
bit decision is performed as a majority
decision between 3 successive samples in
the middle of each baud. If the majority
decision is not equal to zero for the start
bit, the serial port will stop reception and
wait for a new start bit.
When the majority decision is made for the
stop-bit, the following conditions must be
met:
RI_0 / RI_1 is 0
If SM2_0 / SM2_1 is set, the state of
the stop bit must be one
If these conditions are met, the received
data is buffered in SBUF0 / SBUF1, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com