Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 52Page - Texas Instruments CC1010-RTY1 Datasheet HTML 53Page - Texas Instruments CC1010-RTY1 Datasheet HTML 54Page - Texas Instruments CC1010-RTY1 Datasheet HTML 55Page - Texas Instruments CC1010-RTY1 Datasheet HTML 56Page - Texas Instruments CC1010-RTY1 Datasheet HTML 57Page - Texas Instruments CC1010-RTY1 Datasheet HTML 58Page - Texas Instruments CC1010-RTY1 Datasheet HTML 59Page - Texas Instruments CC1010-RTY1 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 152 page
background image
CC1010
SWRS047
Page 56 of 152
System Clk
Divide by 12
Divide by 4
0
1
T0 / T1
T0M / T1M
0
1
C/T0 / C/T1
TR0 / TR1
GATE0 / GATE1
INT0 / INT1
TL0 / TL1
01
23
45
67
TH0 / TH1
01
23
45
67
Mode 0
Mode 1
TF0 / TF1
Timer 0 / Timer 1
interrupt request
Clock
Figure 8. Mode 0 and Mode 1 operation for Timer / Counter 0 or 1
16.2.3
Mode 1
Mode 1 operation is illustrated for Timer /
Counter 0 and 1 in Figure 8. The counter
is configured as a 16-bit counter, as
compared to the 13 bits in Mode 0, and all
bits in TL0 or TL1 are thus used. The
counter
overflows
when
the
count
increments from 0xFFFF.
Otherwise, Mode 1 operation is the same
as Mode 0.
In Mode 1, the timer timeout period is
determined
by:
()(
)
xosc
f
TLx
THx
TxM
CKCON
T
:
65536
.
8
12
=
where THx:TLx is the contents of the
THx:TLx registers if this is reloaded in the
interrupt handler, or 0 if no reload is done.
16.2.4
Mode 2
Mode 2 operation is illustrated for Timer /
Counter 0 and 1 in Figure 9. Mode 2
operates
as
an
8-bit
counter
with
automatic reload of the start value.
The Timer / Counter is controlled as for
Mode 0 and Mode 1, but when TL0 / TL1
overflows, TH0 / TH1 is loaded into TL0 /
TL1.
In Mode 2, the timer timeout period is
determined by:
(
)(
)
xosc
f
THx
TxM
CKCON
T
=
256
.
8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com