Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 68 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 64Page - Texas Instruments CC1010-RTY1 Datasheet HTML 65Page - Texas Instruments CC1010-RTY1 Datasheet HTML 66Page - Texas Instruments CC1010-RTY1 Datasheet HTML 67Page - Texas Instruments CC1010-RTY1 Datasheet HTML 68Page - Texas Instruments CC1010-RTY1 Datasheet HTML 69Page - Texas Instruments CC1010-RTY1 Datasheet HTML 70Page - Texas Instruments CC1010-RTY1 Datasheet HTML 71Page - Texas Instruments CC1010-RTY1 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
CC1010
SWRS047
Page 68 of 152
SCON1 (0xC0) - Serial Port 1 Control Register
Bit
Name
R/W
Reset value
Description
7
SM0_1
R/W
0
6
SM1_1
R/W
0
Serial Port 1 mode bits, decoded as:
SM0_1 SM1_1 Mode
0
0
0 (Synchronous half duplex)
0
1
1 (Asynchronous full duplex, start + stop bit)
1
0
2 (Asynchronous full duplex, start + stop bit,
9th data bit)
1
1
3 (Asynchronous full duplex, start + stop bit,
9th data bit)
5
SM2_1
R/W
0
Multiprocessor communication enable. In modes 2 and 3
SM2_1 = 1 enables the multiprocessor communication feature:
In mode 2 or 3
RI_1 will not be activated if the received 9th bit
is 0. If
SM2_1 = 1 in mode 1 RI_1 will only be activated if a
valid stop bit is received. In mode 0
SM2_1 establishes the
baud rate: when
SM2_1 = 0 the baud rate is clk / 12; when
SM2_1= 1 the baud rate is clk / 4.
4
REN_1
R/W
0
Receive enable. When
REN_1 = 1 reception is enabled.
3
TB8_1
R/W
0
Defines the state of the 9th data bit transmitted in modes 2 and
3.
2
RB8_1
R/W
0
In modes 2 and 3
RB8_1 indicates the state of the 9th bit
received. In mode 1
RB8_1 indicates the state of the received
stop bit. In mode 0
RB8_1 is not used.
1
TI_1
R/W
0
Transmit interrupt flag. Indicates that the transmit data word
has been shifted out. In mode 0
TI_1 is set at the end of the
8th data bit. In all other modes
TI_1 is set when the stop bit is
placed on the
TXD1 pin. TI_1 must be cleared by the
software.
0
RI_1
R/W
0
Receive interrupt flag. Indicates that a serial data word has
been received. In mode 0
RI_1 is set at the end of the 8th
data bit. In mode 1
RI_1 is set after the last sample of the
incoming stop bit, subject to the state of
SM2_1. In modes 2
and 3
RI_1 is set at the end of the last sample of RB8_1.
RI_1 must be cleared by the software.
16.7.1
MODE 0
Serial mode 0 provides synchronous, half-
duplex serial communication. For serial
port 0, pin RXD0 (P3.0) is used for data
input and output while TXD0 (P3.1)
provides the bit clock for both transmit and
receive.
For
serial
port
1
the
corresponding pins are RXD1 (P2.0) and
TXD1 (P2.1).
The serial mode 0 baud rate is set by
SCON0.SM2_0 / SCON1.SM2_1. If this bit
is cleared, the baud rate is the system
clock divided by 4. If the bit is set, the
system clock is divided by 12.
Data
transmission
begins
when
an
instruction writes to the SBUF0 (or SBUF1)
register. The serial port shifts the data byte
out, LSB first, at the selected baud rate.
Data reception starts when SCON0.REN_0
/ SCON1.REN_1 is set and the receive
interrupt flag SCON0.RI_0 / SCON1.RI_1
is cleared. The bit clock is activated and
the UART shifts data in on each rising
edge of the bit clock, until 8 bits have been
received. Immediately after the 8th bit is
shifted in, the receive interrupt flag is set
and reception stops until the software
clears the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com