Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 79 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 75Page - Texas Instruments CC1010-RTY1 Datasheet HTML 76Page - Texas Instruments CC1010-RTY1 Datasheet HTML 77Page - Texas Instruments CC1010-RTY1 Datasheet HTML 78Page - Texas Instruments CC1010-RTY1 Datasheet HTML 79Page - Texas Instruments CC1010-RTY1 Datasheet HTML 80Page - Texas Instruments CC1010-RTY1 Datasheet HTML 81Page - Texas Instruments CC1010-RTY1 Datasheet HTML 82Page - Texas Instruments CC1010-RTY1 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
CC1010
SWRS047
Page 79 of 152
16.11 ADC
The on-chip 10-bit ADC is controlled by
the registers ADCON and ADCON2.
Three analog pins can be sampled,
selected by ADCON.ADADR. This register
is also used to select the AD1 pin as
external reference (when using AD0).
When the AD1 pin is used as external
reference, only two ADC inputs are
available.
The ADC output is unipolar, with an output
value of 0 corresponding to 0V and 1023
corresponding to the reference voltage
(1.25 V or VDD depending on the setting
of the ADCREF bit).
The analog reference voltage is controlled
by ADCON.ADCREF. ADCON.AD_PD should
be set when the ADC is not used in order
to save power. A conversion can be
started 5
µs after clearing the bit when
using VDD or an external reference, or
100
µs afterwards when using the internal
1.25V reference.
The input impedance of the ADC is a
3.2pF switched capacitor that samples the
input signal once for each conversion.
The average input impedance is thus:
s
in
f
C
R
*
1
=
Average input impedances for minimum
and maximum sampling frequencies are
shown in Table 26.
fclk
fs
Rin
250 kHz
22.7 kHz
~14 M
Ω
32 kHz
2.9 kHz
~107 M
Ω
Table 26. ADC input impedance vs.
sampling frequency
The average input impedance accounts for
the average input current to the ADC, but
cannot
be
used
for
estimation
of
conversion errors due to voltage division
between the source impedance and the
ADC input impedance. For that purpose
the charging time of the sample capacitor
must be considered.
In each conversion cycle, the input signal
is sampled on the sample capacitor during
one half-clock period. During this time, the
accuracy of the voltage on the capacitor
must reach at least ½ LSB accuracy in
order to get the full accuracy of the
conversion. Charging of the capacitor
follows the Caharing formula:
()
err
C
f
V
V
C
t
R
e
V
e
V
V
clk
in
RC
t
in
t
in
ln
*
*
2
1
1
ln
*
1
*
)
1
(
*
/
−
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
=
⇒
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
−
=
−
−
τ
The result of this formula is the maximum
output resistance of the source, for a given
ADC clock frequency and accuracy. 30%
safety margin should be used, due to non-
perfect duty cycle etc., i.e. a maximum
output resistance 30% less than calculated
should be used.
For ½ LSB accuracy in the charging, Table
27 shows the maximum output resistance
that should be used for the source at
maximum
and
minimum
ADC
clock
frequencies.
fclk
Rmax
250 kHz
57 k
Ω
32 kHz
450 k
Ω
Table 27. Maximum source impedance
for ADC
The ADC can be operated in 4 modes
controlled by ADCON.ADCM. Each ADC
sample conversion takes 11 ADC clock
cycles.
In
Clock
Mode
1,
when
X32CON.CMODE is set, the 32 kHz clock is
applied
directly
to
the
ADC.
The
conversion time is then 344 µs. In Clock
Mode 0 the ADC clock input is derived
from the main oscillator clock using the
divider selected by ADCON2.ADCDIV. The
register must be set so that the resulting
ADC clock frequency is less than or equal
to 250 kHz. If the clock frequency is equal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com