Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 94 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 90Page - Texas Instruments CC1010-RTY1 Datasheet HTML 91Page - Texas Instruments CC1010-RTY1 Datasheet HTML 92Page - Texas Instruments CC1010-RTY1 Datasheet HTML 93Page - Texas Instruments CC1010-RTY1 Datasheet HTML 94Page - Texas Instruments CC1010-RTY1 Datasheet HTML 95Page - Texas Instruments CC1010-RTY1 Datasheet HTML 96Page - Texas Instruments CC1010-RTY1 Datasheet HTML 97Page - Texas Instruments CC1010-RTY1 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 152 page
background image
CC1010
SWRS047
Page 94 of 152
17.7 Baud rates
Baud rates from 0.6 kBaud to 76.8 kBaud
are
programmable
in
the
MODEM0.BAUDRATE
control
bits.
MODEM0.XOSC_FREQ must also be set
according to the crystal in use. Baud rates
are generated as follows:
()
kBaud
MHz
f
FREQ
XOSC
BAUDRATE
RF
xosc
BAUDRATE
6
.
0
6864
.
3
1
_
2
_
+
=
RF_BAUDRATE is the output baud rate in
kBaud, BAUDRATE and XOSC_FREQ are
control bits in MODEM0. Using one of the
standard
crystals
mentioned
in
the
MODEM0.XOSC_FREQ
description
will
produce the standard baud rates 0.6, 1.2,
2.4, 4.8, 9.6, 19.2, 38.4 or 76.8 kBaud.
Other crystal frequencies will scale the
baud rate as described above.
Baud rates up to and including 19.2 kBaud
can
be
generated
for
any
crystal
frequency. Above 19.2 kBaud a few
combinations are possible, as shown in
Table 30.
MODEM0.
BAUDRATE
/XOSC.FREQ
fxosc
[MHz]
RF_BAUDRATE
[kBaud]
3.6864
7.3728
11.0592
14.7456
18.4320
22.1184
0.6
0/0
0/1
0/2
0/3
0/4
0/5
1.2
1/0
1/1
1/2
1/3
1/4
1/5
2.4
2/0
2/1
2/2
2/3
2/4
2/5
4.8
3/0
3/1
3/2
3/3
3/4
3/5
9.6
4/0
4/1
4/2
4/3
4/4
4/5
19.2
5/0
5/1
5/2
5/3
5/4
5/5
38.4
NA
5/0
NA
5/1
NA
5/2
76.8
NA
NA
NA
5/0
NA
NA
Table 30. Baud rates versus crystal frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com