Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 39Page - Texas Instruments CC1010-RTY1 Datasheet HTML 40Page - Texas Instruments CC1010-RTY1 Datasheet HTML 41Page - Texas Instruments CC1010-RTY1 Datasheet HTML 42Page - Texas Instruments CC1010-RTY1 Datasheet HTML 43Page - Texas Instruments CC1010-RTY1 Datasheet HTML 44Page - Texas Instruments CC1010-RTY1 Datasheet HTML 45Page - Texas Instruments CC1010-RTY1 Datasheet HTML 46Page - Texas Instruments CC1010-RTY1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
CC1010
SWRS047
Page 43 of 152
FLADR (0xAE) - Flash Write Address Register
Bit
Name
R/W
Reset value
Description
7:0
FLADR(7:0)
R/W
0x00
The number of of the Flash page to be written (8 MSB
of the byte address)
FLCON (0xAF) - Flash Write Control Register
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6:5
FLASH_LP
(1:0)
R/W
00
Flash Low Power control bits
00 : The Flash module is always active.
01 : The Flash module enters standby mode when the
8051 is put in Idle mode or Stop mode
10 : The Flash module enters standby mode between
instruction fetches and when the 8051 is put in Idle
Mode or Stop Mode.
11 : Reserved for future use.
4
WRFLASH
R/W
0
Write Flash Start bit
Starting a Flash page programming is done by first
setting this bit and then setting the 8051 in Idle Mode.
If the
WRFLASH bit is cleared before Idle Mode is
entered, no programming is performed.
3:0
RMADR(3:0)
R/W
0x0
RAM Buffer address
RMADR(3:0) contains the 4 most significant bits of
the RAM address where the data is buffered before
writing to Flash
FLTIM (0xDD) - Flash Write Timing Register
Bit
Name
R/W
Reset value
Description
7:0
FLTIM(7:0)
R/W
0x0A
Flash Write Timing control
FLTIM must be set as described in this section prior
to using the 8051 Flash programming.
If an attempt is made to write data to a
Flash page which is locked (see the
previous section), a Flash / Debug
interrupt will be generated immediately
after Idle Mode is entered. No data will be
written.
It is not possible to read or write the Flash
lock bits from the 8051.
15.13.1 Example Code
Example C code writing data buffered at
address 0x100-0x17F in external RAM to
the second page in Flash (address 0x080-
0x0FF) is shown below. The system clock
frequency is assumed to be 3.6864 MHz.
An interrupt service routine must be
present at address 0x33, which clears the
interrupt flag EICON.FDIF and returns
from the interrupt (RETI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com