Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 83 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 79Page - Texas Instruments CC1010-RTY1 Datasheet HTML 80Page - Texas Instruments CC1010-RTY1 Datasheet HTML 81Page - Texas Instruments CC1010-RTY1 Datasheet HTML 82Page - Texas Instruments CC1010-RTY1 Datasheet HTML 83Page - Texas Instruments CC1010-RTY1 Datasheet HTML 84Page - Texas Instruments CC1010-RTY1 Datasheet HTML 85Page - Texas Instruments CC1010-RTY1 Datasheet HTML 86Page - Texas Instruments CC1010-RTY1 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 152 page
background image
CC1010
SWRS047
Page 83 of 152
17. RF Transceiver
17.1 General description
The
CC1010 UHF RF Transceiver is
designed for very low power and low
voltage
applications.
The
transceiver
circuit is mainly intended for the ISM
(Industrial, Scientific and Medical) and
SRD (Short Range Device) frequency
bands at 315, 433, 868 and 915 MHz, but
can easily be programmed for operation at
other frequencies in the 300-1000 MHz
range.
The main operating parameters of
CC1010
can be programmed via Special Function
Registers (SFRs), thus making
CC1010 a
very flexible and easy to use transceiver.
Very few external passive components are
required
for
operation
of
the
RF
Transceiver.
The key parameters for the RF transceiver
are listed in Table 6, Table 7, Table 8,
Table 9, and Table 10, starting page 8.
17.2 RF Transceiver Block Diagram
Figure 19. Simplified block diagram of the RF Transceiver
A simplified block diagram of the RF
transceiver is shown in Figure 19. Only
analog signal pins are shown together with
the internal SFR data bus that is used to
configure the RF interface and to transmit
and receive data.
In receive mode the
CC1010 is configured
as a traditional super-heterodyne receiver.
The RF input signal is amplified by the
LNA
PA
DEMOD
VCO
PD
OSC
~
/N
MIXER
CHARGE
PUMP
L1
RF_IN
CHP_OUT
IF STAGE
RF_OUT
AD2(RSSI/IF)
RFBUF
XOSC_Q2
XOSC_Q1
/R
L2
LPF
BIAS
R_BIAS
Internal
8051 SFR Bus
SFR
CONTROL
REGISTERS
ENCODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com