Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 35Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 36Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 37Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 38Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 39Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 40Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 41Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 42Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
1996 Oct 29
39
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.5.2
IOM®-2 MASTER UNIT
The IOM®-2 master unit implements two monitor channels
and C/I channel masters. All handshake protocols are
implemented in accordance with the IOM®-2 standard with
the exception of the constraints mentioned below. The
data structure of a 16-bit monitor and C/I timeslot is also
implemented according to the IOM®-2 standard with the
exception that the timeslot location is not fixed within a
IOM®-2 frame.
As data is structured in 16-bit timeslots (see Table 24) the
timeslot a master works on, can be selected with the flags
IOMCON_REG[MASTERx_TS0 to MASTERx_TS3].
These bits binary encode the timeslot number (0 to 5), with
timeslot 0 being indicated with the rising edge of FSC.
Both monitor masters can be independently enabled with
the flags IOMCON_REG[MASTERx_EN].
For every serviced channel a data register (MON0_REG,
MON1_REG, CI0_REG and CI1_REG) with input and
output buffer stage and a state machine for receive and
transmit direction exists. For every register
IOMFLAG_REG holds two flags to indicate the input data
buffer full and the output buffer empty condition. The flags
are xxx_IBF (input buffer full) and xxx_OBE (output buffer
empty) with xxx equal to the register name. If one of these
flags together with the corresponding enable flag in
IOMEN_REG is set the IOM®-2 interrupt is activated (refer
to Section 10.2). The flags are reset with read respectively
write operations to their corresponding data register.
8.5.3
MONITOR CHANNEL TRANSMITTER PROTOCOL
• After IOMCON_REG[MASTERx_EN] is set to a logic 1,
the transmitter state machine is in an idle state. The
pattern FFH is sent and the output buffer empty flag
MONx_OBE (x = 1 or 2) is set. The MX flag is sent as a
logic 1 in accordance with the IOM®-2 specifications.
• To initiate a message transmission the System
Controller has to program MONx_REG with the first byte
of the message. The MONx_OBE flag is cleared with the
data write access.
• A full handshake is implemented in accordance with the
IOM®-2 specifications. The transmitter may delay the
data transmission in case the System Controller does
not provide new data in time. MX = 0 is maintained until
MONx_REG is programmed with new data. The
MONx_OBE flag is cleared with the data write access.
The receiver delays the data transmission if it sends no
data acknowledge. In this case MX = 0 is maintained
and the data byte is repeated in subsequent frames.
• To request new data from the controller the MONx_OBE
flag may be set as soon as the data acknowledge
(MR = 1) from the receiver is detected except for the first
byte reception. Here the MR transition HIGH-to-LOW
has to be detected. This leaves the controller
approximately 250
µs to program the MONx_REG with
the next byte without delay within the handshake
procedure except for the first byte.
• An end of transmission is sent if the TEOMx flag in
IOMCTRL_REG is set when MONx_OBE = 1 after the
last byte transmission. The end of transmission is sent
(MX = 1 in at least two subsequent frames) after the
acknowledge of the last byte is completely received.
After the end of transmission is sent the transmitter state
machine is in the idle state.
• The TEOMx flags are also used to initialize the
transmitter state machine. If the flag is set the state
machine may get from any state into the idle state.
• The TEOMx flag is automatically cleared.
• If an abort request is received, the transmitter in
accordance with the specifications, sends the end of
transmission sequence and enters the idle state. The
MONx_OBE flag is set. The abort request is indicated
with the RABORTx flag set in IOMCTRL_REG.
RABORTx = 1 also asserts the IOM®-2 interrupt
(MONx_OBE_EN is used as enable bit) to indicate the
abort to the System Controller. The flag is reset with the
MONx_OBE flag.
Table 24 Data structure of a 16-bit IOM®-2 monitor and C/I master timeslot
15
14
13
12
11
10
9876543210
MONX
C/IX
MR
MX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com