Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 60Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 61Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 62Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 63Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 64Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 65Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 66Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
1996 Oct 29
63
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.3
GSM baseband procedures
The baseband procedures with optional input parameters can be called by the EXEC_PROC command as described in
Section 9.2. Return values are packed in the PROC_RETURN indication. Every procedure deals with the following types
of data:
• Input parameters which are directly supplied by the System Controller
• Return values which are automatically sent to the System Controller as soon as the procedure is completed
• Input and output data buffers located in the DSP data RAM. They are used for communication with other procedures.
Most of the procedures use a common buffer SCRATCH_BUFF for their input and output data. Only a small number
of procedures need specific buffer for input or output. In this case there are one or two additional parameters in_buff_id
or out_buff_id which determine the buffers where input and output data are located. In Table 55 a list of all available
buffers is given.
For all trailing parameters of a procedure which are not transmitted with the EXEC_PROC command a default value of
zero is used.
Table 55 Data buffers for baseband procedures
Notes
1. X = don’t care.
MNEMONIC
ID(1)
SIZE
DESCRIPTION
VERSION_BUFF
0X8000
10
Contains the BCD coded version numbers of all software packages (order:
MP, BB, CI, CM, DB, EM, FB, SP and TP). A version number 0Xmm.ss
means version mm.ss.
SCRATCH_BUFF
0X8001
167
Scratch buffer for communication between arbitrary modules.
TCH_CMI_BUFF
0X8002
116
The combination of the 4 buffers; TCH_CMI_BUFF1 to TCH_CMI_BUFF4.
TCH_CMI_BUFF1
0X8003
29
Used to store the CMI values of 4 consecutive bursts belonging to one TCH
block.
TCH_CMI_BUFF2
0X8004
29
TCH_CMI_BUFF3
0X8005
29
TCH_CMI_BUFF4
0X8006
29
CCH_CMI_BUFF
0X8007
116
The combination of the 4 buffers; CCH_CMI_BUFF1 to CCH_CMI_BUFF4.
CCH_CMI_BUFF1
0X8008
29
Used to store the CMI values of 4 consecutive bursts belonging to one
CCH block.
CCH_CMI_BUFF2
0X8009
29
CCH_CMI_BUFF3
0X800A
29
CCH_CMI_BUFF4
0X800B
29
CCH_INFO_BUFF
0X800C
32
The combination of the 4 buffers;
CCH_INFO_BUFF1 to CCH_INFO_BUFF4.
CCH_INFO_BUFF1
0X800D
8
Used to store the information bits 4 bursts belonging to one CCH block.
CCH_INFO_BUFF2
0X800E
8
CCH_INFO_BUFF3
0X800F
8
CCH_INFO_BUFF4
0X8010
8
TCH_LOOP_BUFF
0X8011
82
Used to store four normal bursts during TCH loop-back operation. Note this
buffer is also used by the speech encoder.
MP_CONTROL_BUFF
0X8013
6
Used to control several features of the firmware; see Table 56.
IQ_BUFF
0X8018
334
Used to store I and Q components from the PCF5072. This buffer is
overlaid with SCRATCH_BUFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com