Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 62Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 63Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 64Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 65Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 66Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 67Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 68Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 69Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
1996 Oct 29
66
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
CI_decrypt_init (note 1)
Initialization for CI_decrypt. The decrypt_flag enables or disables
decryption.
decrypt_flag = 0, means no decryption.
decrypt_flag = 1, decryption according to A5/1.
decrypt_flag = 2, decryption according to A5/2
t1 is absolute Frame Number (FN) divisor 26
× 51 (0 to 2047,11 bits).
t2 is absolute Frame Number (FN) modulo 26 (0 to 25, 5 bits)
t3 is absolute Frame Number (FN) modulo 51 (0 to 50, 6 bits)
key[0 to 3] contains 64 bits of the ciphering key Kc in accordance with
“GSM Rec. 03.20”. The bits are loaded by the algorithm in LSB first order
(first bit = LSB {key[0]}, last bit = MSB {key[3]}).
The A8 algorithm delivers 8 bytes kc[0] to kc[7]. The mapping between kc
and key is as follows:
key[0] = kc[6] << 8; kc[7]
key[1] = kc[4] << 8; kc[5]
key[2] = kc[2] << 8; kc[3]
key[3] = kc[0] << 8; kc[1]
4
decrypt_flag
t1
t2
t3
key[4]
CI_encrypt
Encryption of n_bursts normal bursts, info_buff_id determines the buffer
where the information bits of the first burst are stored.
5
info_buff_id
n_bursts
CI_encrypt_init
Initialization for CI_encrypt. The encrypt_flag enables or disables
encryption.
decrypt_flag = 0, means no encryption.
decrypt_flag = 1, encryption according to A5/1.
decrypt_flag = 2, encryption according to A5/2.
t1 is absolute Frame Number (FN) divisor 26
× 51 (0 to 2047,11 bits).
t2 is absolute Frame Number (FN) modulo 26 (0 to 25, 5 bits)
t3 is absolute Frame Number (FN) modulo 51 (0 to 50, 6 bits)
Key[0 to 3] contains 64 bits of the ciphering key Kc in accordance with
“GSM Rec. 03.20”. The bits are loaded by the algorithm in LSB first order
(first bit = LSB {key[0]}, last bit = MSB {key[3]}).
The A8 algorithm delivers 8 bytes kc[0] to kc[7]. The mapping between kc
and key is as follows:
key[0] = kc[6] << 8; kc[7]
key[1] = kc[4] << 8; kc[5]
key[2] = kc[2] << 8; kc[3]
key[3] = kc[0] << 8; kc[1]
6
encrypt_flag
t1
t2
t3
key[4]
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com