Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 54Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 55Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 56Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 57Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 58Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 60Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 61Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 136 page
background image
1996 Oct 29
58
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.6
SYSTEM CONTROLLER INTERFACE
The PCF5083 parallel port is used for communication with the P90CL301 System Controller (SC) which is compatible
with the 68000 family microcontrollers. Details about interfacing are described in Chapter 10.
The host port of the DSP has three internal registers:
1. PI; 16-bit parallel input register (write-only)
2. PO; 16-bit parallel output register (read-only)
3. PIOS; 5-bit parallel I/O Status/Control register (see Table 50).
The 16-bit words of registers PI and PO are transferred in two access cycles of 8-bits. The LOW byte/HIGH byte selection
is controlled with HA0 and with bit 5 of the PIOS register, PLSB. For correct interrupt generation the transfer order should
be HA1 and HA0 = 00; then HA1 and HA0 = 01 (see Table 48).
Table 48 Host port register addressing
Table 49 Status/Control Register (PIOS)
Table 50 Description of PIOS bits
PLSB
HA1
HA0
DESCRIPTION
STATUS REGISTER PIOS
CHANGE
0 (1)
0
0
access PI/PO HIGH (LOW) byte
no change
0 (1)
0
1
access PI/PO LOW (HIGH) byte
PISE = 0 or POSF = 0
X
1
0
reserved
no change
X
1
1
read status register PIOS
no change
76543210
−−−
PLSB
PORQEN
PIRQEN
POSF
PISE
BIT
NAME
DIRECTION
DESCRIPTION
7
−−
These three bits are not used.
6
−−
5
−−
4
PLSB
read
This bit controls the parallel transfer order. When PLSB = 1; the LSB is
transferred first. The reset value is a logic 1.
3
PORQEN
read/write
When PORQEN = 1; PORQN is enabled. The reset value is a logic 0.
2
PIRQEN
read/write
When PIRQEN = 1; PIRQN is enabled. The reset value is a logic 0.
1
POSF
read
When POSF = 1; the Output Register (PO) is full. The reset value is a
logic 0.
0
PISE
read
When PISE = 1; the Input Register (PI) is empty. The reset value is a
logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com