Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 57Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 58Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 60Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 61Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 62Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 63Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 64Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 136 page
background image
1996 Oct 29
61
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.2.1
EXECUTION OF GSM BASEBAND PROCEDURES
The EXEC_PROC commands initiate the execution of
internal procedures. The procedure specified by proc_id is
executed within the DSP. The input parameters of the
procedure are part of the message. The return values (if
any) of the procedure and the msg_id parameter are
packed to a PROC_RETURN indication.
Several commands can be combined with the PACKET
command to reduce overhead especially when sending
commands to the DSP in polling mode.
9.2.2
NO OPERATION (NOP) COMMAND
This NOP command may be used for debugging
purposes. It is ignored by the DSP. The length of the data
field has to be at least one word.
9.2.3
SOFT RESETTING THE DSP
The RESET command causes the DSP to perform a soft
reset. It is executed immediately after the current running
procedure is completed. Depending on the reset
parameter (see Table 53) the input and/or output
command queues are cleared. It is possible to reset more
than one FIFO or queue, by setting the appropriate bits.
Table 53 Parameter of RESET message
Note
1. X = don’t care.
MNEMONIC
VALUE(1)
DESCRIPTION
RESET_ALL
0X0000
Restart main program (soft reset), clear all buffers and queues and
all external memory.
OUTPUT_MESSAGE_QUEUE
0X0001
Clear the output message queue.
INPUT_MESSAGE_QUEUE
0X0002
Clear the input message queue.
BBD_IN_FIFO
0X0004
Clear the baseband digitizer input FIFO.
MOD_OUT_FIFO
0X0008
Clear the GMSK modulator output FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com