Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 43Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 44Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 45Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 46Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 47Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 48Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 49Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 50Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 136 page
background image
1996 Oct 29
47
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.4
AUDIO INTERFACE
9.1.4.1
Downlink speech frame format
Every 20 ms the speech decoder in the DSP outputs a speech frame consisting of 160 16-bit words. These speech
frames are transmitted to the PCM codec. The speech frame format is described in Table 32.
Table 31 Field descriptions
Table 32 Downlink speech frame format
FIELD
DESCRIPTION
SAMPLE
This field contains the 13-bit linear PCM audio samples in two’s complement (MSB = sign bit)
representation as defined by the
“GSM recommendation 06.01”.
PARM
Whenever the speech decoder is active the PARM field is used to transfer the speech parameters
(D1 to D260) together with some frame classification information (see Table 99) and the currently
selected test mode (see Table 34) out of the DSP. The terms SP (speech flag), SID (silence descriptor)
and MUF (muting flag) are defined in
“GSM Rec. 06.31” (DTX for full-rate speech TCH). The HF bit
indicates, whether the speech codec is operating in handsfree mode (HF = 1) or not. The bits TM2 to TM0
are intended to be evaluated by an external Digital Audio Interface (DAI). They determine the currently
selected test mode during type approval as described in
“GSM Rec. 11.10, Section III.1.2.4.7”.
TM2 to TM0 are passed in the TMODE file of the operation_mode parameter of the speech decoder
procedure. Refer to Section 9.3.1 for more information.
SYNC
Synchronization signal for external (test) equipment. Marks the 20 ms speech frames. Each falling edge
of SYNC marks the beginning of a new output speech frame and with a constant offset due to internal
module processing time the rising edge of SYNC marks a new input speech frame. As soon as audio
output data are available this bit always reflects the internal speech frame timing independently of other
processing tasks of the DSP.
OFFSET
SAMPLE FIELD
PARM FIELD
SYNC FIELD
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
audio sample 0
TM1
TM0
0
1
audio sample 1
HF
TM2
0
2
audio sample 2
0
0
.
3 to 27
audio samples 3 to 27
not used
.
28
audio sample 28
SID
0
0
29
audio sample 29
MUF
SP
.
30
audio sample 30
D2
D1
.
31
audio sample 31
D4
D3
.
32 to 157
audio samples 32 to 157
.
.
.
158
audio sample 158
D258
D257
.
159
audio sample 159
D260
D259
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com