Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 75Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 76Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 77Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 78Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 79Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 80Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 81Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 82Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
1996 Oct 29
79
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
FB_search_fcb
This procedure searches for a frequency correction burst (FB) by scanning
9 or more timeslots. FB_search_fcb can be used on 26 or 51-frames
multiframe structure. When serving a traffic channel (TCH) the BCCH
carrier has to be scanned in the IDLE frames of the 26 multiframe structure
using search windows of 9 timeslots. After initialization with
FB_search_fcb_init (see below), FB_search_fcb has to be called in up to
11 consecutive IDLE frames. This time period is called an observation
interval, containing at least one FB.
The 51 multiframe structure is used in cell selection or IDLE mode and on
an SDDCH. If search windows of 9 timeslots are used to scan the BCCh
carrier, the search must be done by 15 successive calls to FB_search_fcb
within the following TDMA frames (N denotes the arbitrary TDMA frame
number of the first call):
N, N+2, N+4, N+6, N+8,
N+11, N+13, N+15, N+17, N+19,
N+22, N+24, N+26, N+28, N+30.
If the search window is extended to 17 timeslots, the search can be done
by 7calls at the frames:
N, N+3, N+6, N+9, N+12, N+15, N+18.
Values of fb_found are defined below:
fb_found =
−1; the search has been aborted and no FCB has been found.
fb_found = 0; no FB has been found up to now, FB_search_fcb should be
called again in the next Idle frame.
fb_found = > 0; the search has been successful. fb_found FBs have been
found within n_obser_int observation intervals.
The return value fb_toi is the start of the FB in bits (1 bit = 3.69
µs) relative
to first complex sample of the observation window.
The fb_index indicates in which of the previous calls to FB_search_fcb the
FB has been actually found. If fb_index is zero, then the FB has been found
by fast detection during the current search. The fb_index =
−1 means that
no FB has been found within the current observation interval, if this is
combined with fb_found > 0 the call cannot be located and only fb_toi can
be used.
39
−
fb_found
fb_toi
fb_index
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com