Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 13Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 14Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 15Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 16Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 17Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 18Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 19Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 20Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 136 page
background image
1996 Oct 29
17
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.2
ON/OFF Logic
The ON/OFF logic performs the main power on and off
switching function for the whole mobile. The on/off
conditions are controlled via an operators keyboard, a low
voltage battery indication circuit, a hardware Watchdog
Timer or an auxiliary switch on input for general purpose
use.
The hardware control interrupt HWCTRL_INT, signalled
via the COMB_INT output (refer to Section 10.2), is used
to signal the status of the ON/OFF Logic. The inputs
DSPEN and TIMEN are used to control the Watchdog
function. RST and RSTO are asynchronous reset lines.
The inputs ONKEY, AUXON and LOWVOLT are
debounced with a time constant of 62.5 ms. The minimum
pulse width for the safe detection of a signal transition is
therefore 2
× 62.5 = 125 ms on any of these lines. The
ON/OFF Logic signals are specified in Table 4.
Table 4
ON/OFF Logic signals
SIGNAL
DESCRIPTION
ONKEY
Input (active HIGH) to be connected to the
ON/OFF switch of the operators keyboard.
AUXON
Input (edge sensitive) for general purpose
use, e.g. used as battery charger connect
indication or ignition sense in mobile
applications.
LOWVOLT
Input (active LOW) to be connected to an
external low battery indication circuit.
POWON
Output (active HIGH) to be connected to
the ON terminal of the supply voltage
switch.
NPOWON
Inverted output signal of POWON.
8.2.1
MOBILE SWITCH-ON PROCEDURE
Switching on the mobile is initiated via the PCF5083
according to Table 5.
If one of the three conditions ONKEY, AUXON or Alarm
time match become true, a corresponding flag is set in
register HWCTRL_REG. As soon as one of these flags is
set, signal POWON is set and NPOWON is reset. At the
same time the HWCTRL_INT interrupt is activated. The
interrupt condition is signalled via the COMB_INT line to
the System Controller if the relevant bit is set in the
COMBINT_REG register (refer to Section 10.2).
The hardware reset RST clears the enable bits for the
COMB_INT interrupt lines.
The interrupt flags in register HWCTRL_REG must be
cleared by the System Controller to deactivate the
interrupt condition. A flag is cleared by writing a logic 1 to
its bit location.
The POWON output is the main power control signal. As
soon as POWON goes HIGH, all ICs in the mobile are
powered via the supply voltage switch. The LOWVOLT
input asserted LOW, indicating a low voltage situation, or
RSTO asserted LOW inhibits the mobile to be switched on.
If the PCF5083 was switched on via AUXON
(HWCTRL_REG[AUXON_LH] = 1) and the AUXON signal
remains HIGH, the flag HWCTRL_REG[AUXON_LH] must
be cleared, before the PCF5083 enters the Power-down
mode.
Table 5
Mobile switch-on conditions
RST0
LOWVOLT
ONKEY
AUXON
ALARM TIME MATCHES
CURRENT TIME
POWON
COMB_INT
L
X
X
X
X
L
3-state
H
L
X
X
X
L
3-state
HH
L ¡ HX
X
L ¡ HH ¡ L
HH
X
L ¡ HX
L ¡ HH ¡ L
H
H
X
X
yes
L ¡ HH ¡ L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com