Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 37Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 38Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 39Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 40Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 41Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 42Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 43Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 44Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
1996 Oct 29
41
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.5.8
EXTERNAL IOM®-2 INTERFACE
This block provides an IOM®-2 interface for external
devices and accessories e.g. digital handsfree equipment
data and fax interfaces etc. It is used as an interface to the
system simulator during type approval.
The external IOM®-2 interface (DCL, FSC, DU and DD) is
only enabled if the flag IOMCON_REG[IOMEXT_EN] is
set. Otherwise, unless in external clock mode, the outputs
DCL, FSC and DD are in their high-impedance state and
the input DU is don’t care (default after reset). In external
clock mode the flag IOMCON_REG[IOMEXT_EN] flag
only controls the data lines DU and DD. DCL and FSC are
inputs in this mode independently from the state of the flag.
If the flag IOMCON_REG[IOMEXT_INV] is set, all I/Os of
the external IOM®-2 interface are inverted to allow the use
of an external inverting driver circuit.
If the external IOM®-2 interface is disabled with
IOMCON_REG[IOMEXT_EN] = 0, the DU input is
externally pulled-up and will be monitored for a LOW level.
An external device has to pull-down this line to register
itself. If a LOW on DU was detected, the SI_INT interrupt
is activated with flag SIINT_REG[EXT_IOM] set. The flag
and therefore the interrupt condition is automatically
cleared after IOMCON_REG[IOMEXT_EN] was set.
8.6
MMI Interface
The PCF5083 provides a RS232 and a Power-down
interface to fully support the MMI controller TDA8005.
8.6.1
RS232 INTERFACE
This block provides a full RS232 interface with a fixed
8E1 protocol configuration.
The shift clock is derived from the 1 MHz clock for normal
operation. For test purposes a clock applied at input ADI is
used if SYSCON_REG[RS232_CLK] is set. The clock is
divided by 12
× 3 × 16 to derive the shift clock. This results
in a baud rate of 22569.44 Baud at 13 MHz. The receiver
works with an oversampling of 16.
8.6.1.1
Transmit
After writing to the register TXD_REG, the register content
is serially clocked out. The SIINT_REG[TXD_OBE] flag is
set and the SI_INT interrupt is generated (refer to
Section 10.2). The flag and therefore the interrupt
condition is cleared after writing the next data byte to
register TXD_REG.
8.6.1.2
Receive
The incoming serial data stream is clocked into register
RXD_REG. SIINT_REG[RXD_IBF] is set after a data byte
was received and the SI_INT interrupt is generated. The
state of the RXD_IBF flag is available on the MMIEN
output and is used to implement a hardware handshake to
the TDA8005. The SIINT_REG[PAR_ERR] flag signals a
parity error and will be updated when the RXD_IBF flag
goes active. The RXD_IBF flag and therefore the interrupt
condition is cleared automatically after reading the register
RXD_REG.
Both interrupt conditions can be disabled with the
corresponding mask flags in SIMASK_REG. The flag
handling remains the same as described.
The output MMIEN is set to a logic 1 as long as
HWCTRL_REG[MMICLK] = 0.
Note that PAR_ERR is not used as an interrupt condition.
8.6.2
MMI POWER-DOWN INTERFACE
The MMI power-down interface controls the power
consumption of the MMI controller (MMIC) TDA8005 by
halting its main 13 MHz clock. The following signals are
used:
• MMICLK: 13 MHz clock output, main clock for the MMIC
• MMIREQ: MMI clock request input.
The MMI wake-up and power-down procedures are:
1. Force MMIC into power-down mode:
Set HWCTRL_REG[MMICLK] = 0 to stop the 13 MHz
MMI clock. The MMICLK output is held LOW and the
output MMIEN of the RS232 interface is set HIGH.
2. Wake-up MMIC via System Controller:
Set HWCTRL_REG[MMICLK] = 1 to activate
MMICLK.
3. Wake-up MMIC after keyboard or SIM card reader
activity:
In this case the MMIC generates a LOW-to-HIGH
transition on pin MMIREQ. The flags MMIREQ and
MMICLK in register HWCTRL_REG will be set and the
MMICLK output is activated. If the timing generator
unit (SGU) is in Sleep mode, a wake-up request is
issued to force the SGU into the wake-up state. In the
wake-up state HWCTRL_INT and MMICLK are
activated. The MMIREQ flag has to be explicitly
cleared by the System Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com