Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 81Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 82Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 83Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 84Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 85Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 86Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 87Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 88Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 136 page
background image
1996 Oct 29
85
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
SP_decoder_TCHFS_init
Initialization of SP_decoder_TCHFS.
52
−−
SP_encoder_TCHFS
GSM full-rate speech encoder as defined in
“GSM Rec. 06.01, 06.10, 06.11, 06.12, 06.31 and 06.32”. The following
tasks are performed.
Speech encoding algorithm.
Voice Activity Detection (VAD) algorithm in the event of discontinuous
transmission (DTX).
Integrated handsfree algorithm using a weighting balance and comfort
noise insertion.
The 160 words audio input data in SCRATCH_BUFF (see Table 36) are
processed. The encoded speech parameters are returned in
SCRATCH_BUFF.
The dtx_flag enables or disables DTX as defined below:
dtx_flag = 1 enables DTX.
dtx_flag = 0 disables DTX.
If test_mode = 2 (test of speech encoder) then the RESE bit in
SCRATCH_BUFF is checked. If a rising edge is detected, the internal state
variables are cleared.
If bypass flag = 1; it disables the speech encoder. In this case the
parameter bits D1 to D260 (see Table 36) are directly passed to the output.
If bypass flag = 2; the speech encoder is only bypassed, if the control flag
BM0 (see Table 36) is set to 1 and BM1 is set to 0, otherwise the speech
coder is executed. This mode is required for remote interrogation of an
external answering machine.
53
dtx_flag
test_mode
bypass_flag
−
SP_encoder_TCHFS_init
Initialization of SP_encoder_TCHFS.
54
−−
TG_tone_gen
This procedures adds a tone consisting of up to 3 sine waves to the audio
signal located in SCRATCH_BUFF, whereby the 3 LSB’s remain
unchanged (see Section 9.1.4). For more information refer to
TG_tone_gen_init.
59
−−
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com