Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 12Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 13Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 14Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 15Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 16Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 17Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 18Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 19Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
1996 Oct 29
16
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Fig.6 Clock generator block diagram.
handbook, full pagewidth
MGD705
PLL
MUX
13 MHz
13 MHz
CKO
CKI
DCLK
CLKSEL
CLK32I
CLK13M
CLK26M
CLK20M
CLK32O
SEL
clock
timer core
clock
DSP core
MUX
SEL
SYSCON_REG
RESET
RSTP
LOCK
39 MHz
52 MHz
CRYSTAL
OSCILLATOR
LOW SWING
INPUT BUFFER
÷ 2
32.768 kHz clock
DSP and timer core
÷ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com