Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 26Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 27Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 28Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 29Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 30Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 31Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 32Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 33Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
1996 Oct 29
30
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
A power-down line is only deactivated during Sleep mode
if the corresponding activation register is programmed with
a higher value than register SLEEPCNT_REG. Otherwise
the power-down line stays active during Sleep mode. The
output polarity of the power-down lines can be changed by
setting their corresponding bit in register POL_REG to a
logic 1. The signals can be clamped to a level depending
on their flag in POL_REG by setting the corresponding bit
in register MASK_REG to a logic 0.
Because the 13 MHz clock is also internally disabled
during Sleep mode, the PCF5083 cannot be accessed
with the host port.
During Sleep mode, burst timing and frame interrupt
generation is stopped and the registers MODE0_REG and
MODE1_REG are cleared.
8.3.3.1
Transceiver control lines
The timing generator signals RXON, TXON, BEN, PDRX1,
PDRX2, PDTX1, NPDTX1, NPDTX2, PDBIAS, NPDBIAS,
PDSYN, TXKEY1, TXKEY2 and the RF device control bus
signals RFCLK, RFDO, RFEN1 to RFEN4, RFE and the
Voice Port signals ASF, ACLK and ADO are 3-stated as
long as the signal GPON1 is inactive during Sleep mode.
The signals are driven into their high-impedance state
independently of the actual polarity to which GPON1 is
programmed, unless MASK_REG[GPON1] = 0. In this
case the outputs are driven during Sleep mode.
8.3.3.2
The Sleep Quarterbit Counter
In Sleep mode, the 13 MHz reference oscillator is switched
off to reduce the power consumption. The TDMA timing is
maintained using the sleep quarterbit counter (SQBC),
which is driven from the sleep clock (SLCLK). The sleep
clock is derived from the 32.768 kHz real time clock. Upon
entering Sleep mode, the contents of the quarterbit
counter are copied to the sleep quarterbit counter. After
the end of a Sleep mode period, the sleep quarterbit
counter is copied back to the quarterbit counter and normal
timing is performed again.
To maintain the correct timing over hundreds of TDMA
frames, the sleep quarterbit counter is incremented with
the value SQBC_INC equal to the clock ratio between the
quarterbit clock and the sleep clock. This value must be
very accurate and can be derived using the calibration
method described in Section 8.3.3.3.
Fig.10 Quarterbit counters for normal and Sleep mode.
handbook, full pagewidth
MGE289
QBCCTRL_REG[SLEEP]
QBCCTRL_REG[CAL]
13 MHz
1.08325 MHz
32768 Hz
SLCLK
8192 Hz
EN
÷ 4
÷ 12
QBC
(0 to 4999)
TIMING
GENERATOR
NORMAL
MODE
SQBC
RXON
Enter normal mode:
Copy SQBC to QBC
reduced
sleep
mode
Enter sleep mode:
Copy QBC to SQBC
SQBC_INC
(0 to 255)
typ. 123
1083
8.192
EN
TXON
BEN
PDRX1,2
(N)PDTX1,2
SYNON
(N)PDBIAS
TXKEY1,2
TIMING
GENERATOR
SLEEP
MODE
GPON1
GPON2
DSPON
REFON
NREFON
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com