Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 56Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 57Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 58Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 60Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 61Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 62Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 63Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 136 page
background image
1996 Oct 29
60
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.9
POWER SAVING MODES
9.1.9.1
Idle mode
When operating in Idle mode the DSP enters a dormant
state and requires only a fraction of the power normally
needed to supply the device in the full operating mode.
The processor core is switched off whereas the I/O section
of the processor is fully functional. The Idle mode is
invoked by the on-chip firmware whenever the DSP is
waiting for an I/O event. The DSP automatically leaves the
Idle mode as soon as the input or output operation has
been completed.
9.1.9.2
Power-down mode
The Power-down mode is initiated when the signal
DSPON is deactivated during Sleep mode (see
Section 8.3.3). The DSP will stop operation synchronously
after a maximum of 3 CLKI cycles delay. All parts of the
DSP which operate with the main processor clock are in
static state. Only the blocks running with the serial
interface clocks are not affected by the Power-down mode.
For minimum power consumption the external serial shift
clocks should therefore be switched off. The DSP remains
in the power-down state as long as the signal DSPON is
held inactive. The processor continues its operation for a
maximum of 3 clock cycles after the signal DSPON is set
active again.
9.2
Message Interface to the System Controller
The DSP can be controlled with commands and joining
16-bits parameters from the System Controller via the host
port register PI. The first word always contains the
command OPCODE and length. The second word is an
arbitrary ID code which is useful for debugging purposes.
The following words are command parameters. The DSP
can also generate indications giving status information or
requested data. These indication messages can be read
(R) via host port register PO.
The DMA message is used to download data into the
program/data RAM. Download is always done into the
data address space. The parameters mc_before and
mc_after indicate the value of the Memory Configuration
Register before and after download. Thus, it is possible to
switch a RAM bank into the data address space, download
a program and switch it back afterwards. For more
information about the MC Register and the PCF5083
memory mapping please refer to
“Information Manual
Digital Signal Processors PCF508x, Philips
Semiconductors, 1995”.
Table 52 Commands/indications to/from the PCF5083
Note
1. X = don’t care.
MNEMONIC
DIRECTION
OPCODE(1)
bit 15 to bit 8
LENGTH
bit 7 to bit 0
ID
DATA
DMA
write
0X0000
msg_id
mc_before n_words;
address data [1] to data [n words];
mc_after
EXEC_PROC
write
0X01
3 + npar
msg_id
proc_id;
parameter_1 to parameter_N
PROC_RETUR
N
read
0X11
3 + n_retvals
msg_id
proc_id;
return_value 1 to return value_N
PACKET
write
0X02
2 + N (cmd_len)
msg_id
cmd_1 to cmd_N
RESET
write
0X03
3
msg_id
reset_parm
NOP
write
0X05
2 + N
msg_id
data_1 to data_N
ERROR
read
0X12
3
msg_id
error_code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com